Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBU2004M Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RBU2004M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RBU2004M Datasheet(HTML) 2 Page - Rectron Semiconductor

  RBU2004M Datasheet HTML 1Page - Rectron Semiconductor RBU2004M Datasheet HTML 2Page - Rectron Semiconductor RBU2004M Datasheet HTML 3Page - Rectron Semiconductor RBU2004M Datasheet HTML 4Page - Rectron Semiconductor RBU2004M Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AVERAGE RECTIFIED FORWARD CURRENT, (A)
NUMBER OF CYCLE
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0
60
20
10
30
40
50
0
10
5
2
1
0.5
0.2
30
20
4
8
12
20
16
24
1.6
1.2
1.4
0.6
0.4
0.8
1
0.2
210
20
50
10
100
0
200
300
5
100
RATING AND CHARACTERISTICS CURVES ( RBU2001M THRU RBU2007M )
FIG.3 SURGE FORWARD CURRENT CAPABILITY
FIG.1 TYPICAL INSTANTANEOUS FORWARD
CHARACTERITICS
FIG.2 POWER DISSIPATION
AMBIENT TEMPERATURE, (OC)
0
2
3
1
0
4
80
40
120
160
FIG.4 TYPICAL FORWARD CURRENT
DERATING CURVE
HEAT SINK TEMPERATURE, (OC)
10
0
12
16
20
4
8
30
50
70
90
110
130
150
170
FIG.5 TYPICAL FORWARD CURRENT
DERATING CURVE
MOUNTING TORQUE (kg.cm)
2
0
0.2
0.4
0.6
0.8
1.0
1.2
34
5
6
7
8
FIG.6 CONTACT THERMAL RESISTANCE fcf
Pulse test
per one diode
TC=25OC (TYP)
non-repetitive
Tj=25
1 cycle
8.3ms
0
sine wave
with thermal compound
sine wave
TJ = 150
OC
TC= 150OC (TYP)
heatsink
sine wave
R-load
on heatsink
on glass-epoxi substrate
P.C.B
soldering land 5mmf
sine wave
R-load
free in air



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com