Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1007MLS Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RS1007MLS
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS1007MLS Datasheet(HTML) 2 Page - Rectron Semiconductor

  RS1007MLS Datasheet HTML 1Page - Rectron Semiconductor RS1007MLS Datasheet HTML 2Page - Rectron Semiconductor RS1007MLS Datasheet HTML 3Page - Rectron Semiconductor RS1007MLS Datasheet HTML 4Page - Rectron Semiconductor RS1007MLS Datasheet HTML 5Page - Rectron Semiconductor RS1007MLS Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RATING AND CHARACTERISTICS CURVES ( RS1001MLS THRU RS1007MLS )
FIG.3 TYPICAL FORWARD CURRENT
DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
0.2
0.5
1
2
5
10
20
30
pulse test
per one diode
NUMBER OF CYCLE
FIG.2 SURGE FORWARD CURRENT CAPABILITY
FIG.1 MAXIMUM INSTANTANEOUS FORWARD
CHARACTERISTICS
non-repetitive
Tj=25
oC
1 cycle
8.3ms 8.3ms
0
sine wave
300
200
100
0
1
2
5
10
20
50
100
FIG.4 TYPICAL FORWARD CURRENT
DERATING CURVE
0
AMBIENT TEMPERATURE( C)
on glass-epoxi substrate
P.C.B
soldering land 5mmf
sine wave
R-load
free in air
4 0
80
120
160
0
1
2
3
4
CASE TEMPERATURE
C
80
90
100
110
120
130
140
150
160
8
10
2
0
6
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com