Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2509M Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RS2509M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 14 00 Volts CURRENT 25 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS2509M Datasheet(HTML) 1 Page - Rectron Semiconductor

  RS2509M Datasheet HTML 1Page - Rectron Semiconductor RS2509M Datasheet HTML 2Page - Rectron Semiconductor RS2509M Datasheet HTML 3Page - Rectron Semiconductor RS2509M Datasheet HTML 4Page - Rectron Semiconductor RS2509M Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
RS2509 M
RS-25M
MAXIMUM RATINGS• •
(@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS• •
(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current at TC=55OC
Peak Forward Surge Current 8.3 ms single half sine-wave
with heatsink
without heatsink
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Current Squared Time
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
25
4.3
300
373.3
1.0
Amps
A
2S
0 C/W
0 C/W
0 C
Storage Temperature Range
R JC
Typical Thermal Resistance (Note 1)
22
R JA
IO
Operating Temperature Range
TJ
150
-55 to + 150
0 C
1400
980
1400
RS2509M
NOTES : 1. Thermal resistance : Heat-sink case mounted.
CHARACTERISTICS
VF
SYMBOL
IR
uAmps
Maximum Forward Voltage at 12.5A DC
Volts
UNITS
Maximum DC Average Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 125
oC
uAmps
2. “ ROHS compliant”.
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 14 00 Volts CURRENT 25 Amperes
FEATURES
* Low leakage
* Low forward voltage
* Mounting position: Any
* Surge overload rating: 300 amperes peak
* Ideal for printed cikcuit boakds
* High forward surge current capability
* Epoxy: Device has UL flammability classification 94V-O
* UL list the recognized component directory, file #E94233
MECHANICAL DATA
1.193 ( 30.3 )
1.169 ( 29.7 )
.087 (2.2 )
.071 (1.8 )
.106 (2.7 )
.096 (2.3 )
.043 (1.1 )
.035 (0.9 )
.402 (10.2 )
.386 (9.8 )
.303 (7.7 )
.287 (7.3 )
.303 (7.7 )
.287 (7.3 )
.031 (0.8 )
.023 (0.6 )
.114 (2.9 )
.098 (2.5 )
.189 ( 4.8 )
.173 ( 4.4 )
.150 ( 3.8 )
.134 ( 3.4 )
I
2t
Volts
Insulation voltage
Viso
3000
2020-12
REV:A
1.05
25
0.5
RS2509M


Similar Part No. - RS2509M

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS25005 ZSELEC-RS25005 Datasheet
73Kb / 2P
10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RS25005M ZSELEC-RS25005M Datasheet
103Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RS2501 CHENG-YI-RS2501 Datasheet
136Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS2501 ZSELEC-RS2501 Datasheet
73Kb / 2P
10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
More results

Similar Description - RS2509M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP2505 RECTRON-MP2505 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
MB2505 RECTRON-MB2505_07 Datasheet
265Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
SPA2505G RECTRON-SPA2505G Datasheet
199Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE 600 Volts CURRENT 25 Amperes
MP2505W RECTRON-MP2505W Datasheet
203Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-03 REV: C
MP3516 RECTRON-MP3516 Datasheet
134Kb / 5P
VOLTAGE RANGE 1600 Volts CURRENT 35 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2018-06 REV O
RBU2501M RECTRON-RBU2501M Datasheet
286Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
2018-10/14 REV: B
RBU2505M-C-LV RECTRON-RBU2505M-C-LV Datasheet
131Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 25 Amperes
2018-11 REV:A
RBU2509M RECTRON-RBU2509M Datasheet
133Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 1400 Volts CURRENT 25 Amperes
2020-12 REV:A
RS2501MLS RECTRON-RS2501MLS Datasheet
299Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
2019-06/47 REV: O
RS2508M RECTRON-RS2508M Datasheet
199Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 1200 Volts CURRENT 25 Amperes
2017-11 REV:O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com