Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2885 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM2885
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 9Page - Analog Devices LTM2885 Datasheet HTML 10Page - Analog Devices LTM2885 Datasheet HTML 11Page - Analog Devices LTM2885 Datasheet HTML 12Page - Analog Devices LTM2885 Datasheet HTML 13Page - Analog Devices LTM2885 Datasheet HTML 14Page - Analog Devices LTM2885 Datasheet HTML 15Page - Analog Devices LTM2885 Datasheet HTML 16Page - Analog Devices LTM2885 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTM2810
13
Rev. A
For more information www.analog.com
TEST CIRCUIT
Figure 1. Logic Timing Measurements
Figure 2. Logic Enable/Disable Time
DIx
Ox
CL
tPLH
tPHL
tR
tF
90%
10%
10%
90%
½VL2
½VL
VL
VOL
VOH
0V
DIx
Ox
Ix
DOx
CL
2810 F01
tPLH
tPHL
tR
tF
90%
10%
10%
90%
½VL
½VL2
VL2
VOL
VOH
0V
Ix
DOx
2810 F02
DO1E
tPZH
tPZL
tPHZ
tPLZ
VOL + 0.5V
VOH – 0.5V
½VL
VL
VOL
DO1
DO1
½VL
½VL
VL OR 0V
CL
O1E
O1E
DO1E
tPZH
tPZL
tPHZ
tPLZ
VOL + 0.5V
VOH – 0.5V
½VL2
VL2
0V
0V
VOL
VOH
VL2
0V
0V
VOH
VL
O1
O1
½VL2
½VL2
VL2 OR 0V
CL
O1
DO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com