Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1102PAL Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ALD1102PAL
Description  DUAL P-CHANNEL MATCHED MOSFET PAIR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1102PAL Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ALD1102PAL Datasheet HTML 1Page - ADL Embedded Solutions ALD1102PAL Datasheet HTML 2Page - ADL Embedded Solutions ALD1102PAL Datasheet HTML 3Page - ADL Embedded Solutions ALD1102PAL Datasheet HTML 4Page - ADL Embedded Solutions ALD1102PAL Datasheet HTML 5Page - ADL Embedded Solutions ALD1102PAL Datasheet HTML 6Page - ADL Embedded Solutions ALD1102PAL Datasheet HTML 7Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ALD1102A/ALD1102B/ALD1102
Advanced Linear Devices
2 of 7
Gate Threshold
Voltage
VT
-0.4
-0.7
-1.2
-0.4
-0.7
-1.2
-0.4
-0.7
-1.2
V
IDS = -10µA VGS = VDS
Offset Voltage
VOS
2
5
10
mV
IDS = -100µA VGS = VDS
VGS1 - VGS2
Gate Threshold
TCVT
-1.3
-1.3
-1.3
mV/°C
Temperature Drift
On Drain Current
IDS(ON)
-8
-16
-8
-16
-8
-16
mA
VGS = VDS = -5V
Transconductance Gfs
2
4
2
4
2
4
mmho
VDS = -5V IDS = -10mA
Mismatch
∆Gfs
0.5
0.5
0.5
%
Output
GOS
500
500
500
µmho
VDS = -5V IDS = -10mA
Conductance
Drain Source
RDS(ON)
180
270
180
270
180
270
Ω
VDS = -0.1V VGS = -5V
ON Resistance
Drain Source
ON Resistance
∆RDS(ON)
0.5
0.5
0.5
%
VDS = -0.1V VGS = -5V
Mismatch
Drain Source
Breakdown
BVDSS
-10
-10
-10
V
IDS = -10µA VGS = 0V
Voltage
Off Drain Current
IDS(OFF)
0.1
4
0.1
4
0.1
4
nA
VDS = -10V VGS = 0V
44
4
µATA = 125°C
Gate Leakage
IGSS
1
100
1
100
1
100
pA
VDS = 0V VGS = -10V
Current
10
10
10
nA
TA = 125°C
Input
CISS
610
6
10
6
10
pF
Capacitance
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
ALD1102A
ALD1102B
ALD1102
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Drain-source voltage, VDS
-10V
Gate-source voltage, VGS
-10V
Power dissipation
500mW
Operating temperature range SAL, PAL packages
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com