Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1704ASAL Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ALD1704ASAL
Description  RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1704ASAL Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ALD1704ASAL Datasheet HTML 1Page - ADL Embedded Solutions ALD1704ASAL Datasheet HTML 2Page - ADL Embedded Solutions ALD1704ASAL Datasheet HTML 3Page - ADL Embedded Solutions ALD1704ASAL Datasheet HTML 4Page - ADL Embedded Solutions ALD1704ASAL Datasheet HTML 5Page - ADL Embedded Solutions ALD1704ASAL Datasheet HTML 6Page - ADL Embedded Solutions ALD1704ASAL Datasheet HTML 7Page - ADL Embedded Solutions ALD1704ASAL Datasheet HTML 8Page - ADL Embedded Solutions ALD1704ASAL Datasheet HTML 9Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ALD1704A/ALD1704B
Advanced Linear Devices
2 of 9
ALD1704/ALD1704G
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
10.6V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
SAL, PAL packages
0°C to +70°C
DA package
-55°C to +125°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C VS = ±5.0V unless otherwise specified
1704A
1704B
1704
1704G
Test
Parameter
Symbol Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Supply
VS
±3.25
±5.0
±3.25
±5.0
±3.25
±5.0
±3.25
±5.0
V
Dual Supply
Voltage
V+
6.5
10.0
6.5
10.0
6.5
10.0
6.5
10.0
V
Single Supply
Input Offset
VOS
0.9
2.0
4.5
10.0
mV
RS ≤ 100KΩ
Voltage
1.7
2.8
5.3
11.0
mV
0°C ≤ TA ≤ +70°C
Input Offset
IOS
1.0
15
1.0
15
1.0
15
1.0
25
pA
TA = 25°C
Current
240
240
240
240
pA
0°C ≤ TA ≤ +70°C
Input Bias
IB
1.0
20
1.0
20
1.0
20
1.0
30
pA
TA = 25°C
Current
300
300
300
300
pA
0°C ≤ TA ≤ +70°C
Input Voltage
VIR
-5.3
+5.3
-5.3
+5.3
-5.3
+5.3
±5.0
V
Range
Input
RIN
1012
1012
1012
1012
Ω
Resistance
Input Offset
TCVOS
55
57
µV/°CRS ≤ 100KΩ
Voltage Drift
Power Supply
PSRR
70
80
65
80
65
80
60
80
dB
RS ≤ 100KΩ
Rejection Ratio
0°C ≤ TA ≤ +70°C
Common Mode
CMRR
70
83
65
83
65
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
0°C ≤ TA ≤ +70°C
Large Signal
AV
50
150
50
150
50
150
32
150
V/ mV
RL = 10KΩ
Voltage Gain
150
150
150
150
V/ mV
No Load
40
40
40
20
V/ mV
0°C ≤ TA ≤ +70°C
Output
VO low
-4.96 -4.90
-4.96
-4.90
-4.96 -4.90
-4.96 -4.90
V
RL = 10KΩ
Voltage
VO high 4.90
4.95
4.90
4.95
4.90
4.95
4.90
4.95
0°C ≤ TA ≤ +70°C
Range
VO low
-4.998 -4.99
-4.998
-4.99
-4.998 -4.99
-4.998 -4.99
V
RL =1MΩ
VO high 4.99
4.998
4.99
4.998
4.99
4.998
4.99
4.998
0°C ≤ TA ≤ +70°C
Output Short
ISC
15
15
15
15
mA
Circuit Current
Supply Current
IS
3.0
4.5
3.0
4.5
3.0
4.5
3.0
5.0
mA
VIN = 0V
No Load
Power
PD
30
45
30
45
30
45
30
50
mW
VS = ±5.0
Dissipation
No Load
Input
CIN
11
11
pF
Capacitance
Bandwidth
BW
2.1
2.1
2.1
2.1
MHz
Slew Rate
SR
5.0
5.0
5.0
5.0
V/µsAV = +1
RL = 2.0KΩ
Rise time
t r
0.1
0.1
0.1
0.1
µsRL = 2.0KΩ
Overshoot
15
15
15
15
%
RL = 2.0KΩ
Factor
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com