Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV858 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV858
Description  Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV858 Datasheet(HTML) 2 Page - Supertex, Inc

  HV858 Datasheet HTML 1Page - Supertex, Inc HV858 Datasheet HTML 2Page - Supertex, Inc HV858 Datasheet HTML 3Page - Supertex, Inc HV858 Datasheet HTML 4Page - Supertex, Inc HV858 Datasheet HTML 5Page - Supertex, Inc HV858 Datasheet HTML 6Page - Supertex, Inc HV858 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
A011706
-40ºC to +85ºC
-65ºC to +150ºC
VDD
-0.5 to +7V
SDI, SCK
ISW
0.7A peak
VCS
0.5 to +110V
Power dissipation
250mW
Storage temperature
Operating temperature
-0.5 to +7V
Absolute Maximum Ratings
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VDD
Supply voltage
1.8
6.5
V
ISW(pk)
Peak switch current
0.4
A
TA
Operating temperature
-40
85
ºC
Specifications (unless otherwise specified: T
A = 25ºC, VDD = 2.6V to 5.5V)
Symbol
Parameter
Min
Typ.
Max
Unit
Conditions
RSW
ON resistance of switching transistor
4
6
Ω
V
DD = 1.8 to 6.5V, ISW = 100mA
VCS
Output voltage
85
95
105
V
S1...S9 = 0, VDD = 1.8 to 6.5V, no load
VLAMP
Differential lamp voltage
170
190
210
VCOM to any EL, no load, code
1 = 111
IDD
VDD supply current
0.01
0.15
0.25
mA
VCS = 20V, no load, PWR_ON = 1
ICS
VCS supply current
10
50
100
µΑ
VCS = 75V, no load
IDDQ
VDD leakage current when disabled
100
150
nA
S1...S9 = 0, SCK and SDI can be tied to VDD
or GROUND
fSW
Inductor switching frequency
108.8
128
147.2
kHz
See Figure 1
425
500
575
For all codes except code1 = 000
fEL
Lamp frequency
Hz
VLOW
Logic pin input Low level
-0.5
0
0.2 VDD
V
VHIGH
Logic pin input High level
VDD
VDD +
0.5
V
ILOGIC
Logic pin input current
-0.1
0
0.1
µΑ
0 < VDD< 7V
IDD
Inductor current
56
70
mA
VCS
Output voltage
82.5
V
fEL
Lamp frequency
500
Hz
See Figure 1.
VDD = VIN = 3V, total lamp size = 3.0in
2
(1.0in2 each), 10-bit SDI serial code = 1111111111
DMAX
Maximum PWM switch duty cycle
80
88
94
%
VCS = 20V, RLOAD = 20Ω
fCLK
SCK speed
1
MHz
TSU
SDI setup time before SCK rises
30
ns
TH
SDI hold time before SCK rises
30
ns
0.8 VDD
V
Note 1: Code refers to the 3-bit Brightness Control Code for the respective EL Lamp
Ordering Information
Pin Configuration
Device
Package Options
HV858
DFN/MLP-10
MSOP-10
HV858K7-G
HV858MG
HV858MG-G
2
3
4
5
Lx
GND
SDI
EL3
2
3
4
5
MSOP-10
(top view)
DFN/MLP-10
(top view)
CS
COM
SCK
1
1
7
8
9
6
VDD
EL1
EL2
HV858MG
HV858K7
EL3
CS
COM
EL1
EL2
Lx
GND
SDI
SCK
VDD
7
8
9
10
6
10
-G indicates the package is RoHS compliant - “Green”
HV858



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com