Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC8051C2 Datasheet(PDF) 21 Page - TEMIC Semiconductors

Part # TSC8051C2
Description  8-Bit Microcontroller for Digital Computer Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC8051C2 Datasheet(HTML) 21 Page - TEMIC Semiconductors

Back Button TSC8051C2 Datasheet HTML 17Page - TEMIC Semiconductors TSC8051C2 Datasheet HTML 18Page - TEMIC Semiconductors TSC8051C2 Datasheet HTML 19Page - TEMIC Semiconductors TSC8051C2 Datasheet HTML 20Page - TEMIC Semiconductors TSC8051C2 Datasheet HTML 21Page - TEMIC Semiconductors TSC8051C2 Datasheet HTML 22Page - TEMIC Semiconductors TSC8051C2 Datasheet HTML 23Page - TEMIC Semiconductors TSC8051C2 Datasheet HTML 24Page - TEMIC Semiconductors TSC8051C2 Datasheet HTML 25Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TSC8051C2
Rev. A (10 Jan. 97)
21
Preview
MATRA MHS
Test Conditions
Unit
Max
Typ
Min
Parameter
Symbol
ICC
Power Supply Current (7)
Active Mode 12MHz
Idle Mode
12MHz
TBD
TBD
TBD
TBD
mA
mA
Vcc = 5.5V(1)
Vcc = 5.5V(2)
IPD
Power Down Current
5 (5)
30
µA
Vcc = 2.0V to 5.5V(3)
Notes for DC Electrical Characteristics
1. ICC is measured with all output pins disconnected; XTAL1 driven
with TCLCH, TCHCL = 5 ns (see Figure 20. ), VIL = VSS +
0.5V, VIH = VCC – 0.5V; XTAL2 N.C.; EA = RST = Port 0 =
VCC. ICC would be slightly higher if a crystal oscillator used
(see Figure 19. ).
2. Idle ICC is measured with all output pins disconnected; XTAL1
driven with TCLCH, TCHCL = 5ns, VIL = VSS + 0.5V, VIH =
VCC–0.5V; XTAL2 N.C; Port 0 = VCC; EA = RST = VSS (see
Figure 20. ).
3. Power Down ICC is measured with all output pins disconnected;
EA = PORT 0 = VCC; XTAL2 NC.; RST = VSS (see
Figure 21. ).
4. Capacitance loading on Ports 0 and 2 may cause spurious noise
pulses to be superimposed on the VOLs of ALE and Ports 1 and
3. The noise is due to external bus capacitance discharging into
the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operation. In the worst cases (capacitive
loading 100pF), the noise pulse on the ALE line may exceed
0.45V with maxi VOL peak 0.6V. A Schmitt Trigger use is not
necessary.
5. Typicals are based on a limited number of samples and are not
guaranteed. The values listed are at room temperature and 5V.
6. Under steady state (non–transient) conditions, IOL must be
externally limited as follows:
Maximum IOL per port pin:
10 mA
Maximum IOL per 8–bit port:
Port 0:
26 mA
Ports 1, 2 and 3:
15 mA
Maximum total IOL for all output pins:
71 mA
If IOL exceeds the test condition, VOL may exceed the related
specification. Pins are not guaranteed to sink current greater than
the listed test conditions.
7. For other values, please contact your sales office.
RST
EA
XTAL2
XTAL1
VSS
VCC
VCC
ICC
(NC)
CLOCK SIGNAL
P0
VCC
VCC
All other pins are disconnected.
Figure 19. ICC Test Condition, Active Mode.
VCC
RST
EA
XTAL2
XTAL1
VSS
VCC
ICC
(NC)
CLOCK SIGNAL
P0
VCC
All other pins are disconnected.
Figure 20. ICC Test Condition, Idle Mode.
VCC
RST
EA
XTAL2
XTAL1
VSS
VCC
ICC
(NC)
P0
VCC
All other pins are disconnected.
Figure 21. ICC Test Condition, Power Down Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com