Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED15 Datasheet(PDF) 4 Page - CUI INC

Part # VLED15
Description  LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLED15 Datasheet(HTML) 4 Page - CUI INC

  VLED15 Datasheet HTML 1Page - CUI INC VLED15 Datasheet HTML 2Page - CUI INC VLED15 Datasheet HTML 3Page - CUI INC VLED15 Datasheet HTML 4Page - CUI INC VLED15 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date
09/16/2013 │ page 4 of 5
CUI Inc
│ SERIES: VLED15 │ DESCRIPTION: LED DRIVER
DIMMING RANGE
When operating with an incandescent dimmer, the RMS output current shall vary depending upon the
conduction angle and RMS value of the applied AC input voltage. The following graph shows the typical output
versus conduction angle at various line voltages.
The specified dimming range shall be from 30 degrees through 147 degrees conduction angle. Operation
throughout this dimming range shall be monotonic and produce a smooth transition of light output in both
directions of the dimming range. At 120 Vac or 240 Vac input, the driver shall achieve full rated output
current at less than 147 degree conduction angle.
Typical Io vs Conduc on Angle
0
0.2
0.4
0.6
0.8
1
1.2
0
204060
80
100
120
140
160
VAC Conduc on Angle (Degrees)
100V (200V)
115V (230V)
132V (264V)
DIMMING REQUIREMENTS
Dimming of the driver shall be possible with standard triac based incandescent dimmers that chops the AC
voltage as shown below or with Electronic Low Voltage dimmers that employ reverse phase control.
During the rapid rise time of the AC voltage when the dimmer turns on, the driver shall not generate any
voltage or current oscillations and inrush current shall be controlled. During the on time of the AC input, the
driver shall regulate the output. The RMS value of the driver output current shall be proportional to the on
time of the AC input voltage. Care must be taken to assure that the minimum load requirements are met.
Multiple drivers/LEDs may be connected to the dimmer in order to meet the minimum load requirement.
Chopped AC Input to Driver
AC Wall Power
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com