Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF166 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SF166
Description  GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16.0 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF166 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SF166 Datasheet HTML 1Page - Rectron Semiconductor SF166 Datasheet HTML 2Page - Rectron Semiconductor SF166 Datasheet HTML 3Page - Rectron Semiconductor SF166 Datasheet HTML 4Page - Rectron Semiconductor SF166 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 16.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SF161
THRU
SF167
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
*High current capability
* Super fast switching speed
* High reliability
* Good for switching mode circuit
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 100
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
16.0
150
3
20
Amps
0 C/ W
0 C
Operating and Storage Temperature Range
Rθ JC
Rθ JA
IO
-55 to + 150
pF
Volts
150
100
300
150
SF161
SF163
SF165
SF162
SF164
200
400
SF166
50
100
300
150
200
400
50
70
210
105
140
280
35
600
SF167
600
420
2017-03
REV: O
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 3)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 16.0A DC
Volts
10
35
@TA = 100
oC
@TA = 25
oC
trr
1.0
1.35
100
50
UNITS
SF161
SF163
SF165
SF162
SF164
SF166
SF167
1.70
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Test conditions: IF= 0.5A, IR= -0.1A, IRR=-0.25A.
4. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
5. Suffix "R" for Reverse Polarity.
6. Suffix "I" for ITO-220A Pkg.
Dimensions in inches and (millimeters)
A
I
2t
93.37
A
2/Sec
Typical Current Squarad Time


Similar Part No. - SF166

ManufacturerPart #DatasheetDescription
logo
Bytes
SF166 BYTES-SF166 Datasheet
167Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF166 DCCOM-SF166 Datasheet
535Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Formosa MS
SF166 FORMOSA-SF166 Datasheet
41Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF166 UNIOHM-SF166 Datasheet
75Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
Chongqing Pingwei Enter...
SF166 CHONGQING-SF166 Datasheet
44Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF166

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ISF161C RECTRON-ISF161C Datasheet
30Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
SF51CK RECTRON-SF51CK Datasheet
212Kb / 4P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Amperes
SF81K RECTRON-SF81K Datasheet
197Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
SF161S RECTRON-SF161S Datasheet
198Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
SF161A RECTRON-SF161A_V01 Datasheet
714Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
2022-04 REV:A
SF161CS RECTRON-SF161CS_V01 Datasheet
382Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 16 Amperes
2022-04 REV:B
SF61 RECTRON-SF61 Datasheet
339Kb / 6P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 6.0 Amperes
2020-04 REV:A
SF61K RECTRON-SF61K Datasheet
250Kb / 5P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 6.0 Amperes
2022-04 REV:B
SF81S RECTRON-SF81S_V01 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
2002-12
SF81 RECTRON-SF81_V01 Datasheet
354Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 8.0 Amperes
2018-07 REV: D
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com