Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDA0867 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CDA0867
Description  GaAs 7 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CDA0867 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CDA0867 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
CDA0867
FEATURES
• 10 -1000 MHz
• 3 mA, +5 VDC
• 17 nSec Transition Time
• 27 nSec Switching Speed
• 0.5 dB LSB, 63.5 dB Range
• See DA0887 for 38 Pin DIP Version
• Replaceable SMA Connectors
• 54 mV Transients
• TTL Control
GaAs 7 Section Attenuator
7 BIT
D AICO Industr ies
215
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - CDA0867

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDA0666 DAICO-CDA0666 Datasheet
38Kb / 1P
PIN Diode 5 Section Attenuator
More results

Similar Description - CDA0867

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0712 DAICO-100D0712 Datasheet
39Kb / 1P
Attenuator 7 Section
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT76235 DAICO-CAT76235 Datasheet
196Kb / 1P
Attenuator 7 Section
DA0887 DAICO-DA0887 Datasheet
193Kb / 1P
GaAs 7 Section Attenuator
DA0897 DAICO-DA0897 Datasheet
194Kb / 1P
GaAs 7 Section Attenuator
DAT76199 DAICO-DAT76199 Datasheet
181Kb / 1P
Attenuator 7 Section
DAT76227 DAICO-DAT76227 Datasheet
179Kb / 1P
Attenuator 7 Section
DAT76228 DAICO-DAT76228 Datasheet
176Kb / 1P
Attenuator 7 Section
DAT76287 DAICO-DAT76287 Datasheet
179Kb / 1P
Attenuator 7 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com