Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPD101S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SLPD101S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SLPD101S Datasheet(HTML) 1 Page - Rectron Semiconductor

  SLPD101S Datasheet HTML 1Page - Rectron Semiconductor SLPD101S Datasheet HTML 2Page - Rectron Semiconductor SLPD101S Datasheet HTML 3Page - Rectron Semiconductor SLPD101S Datasheet HTML 4Page - Rectron Semiconductor SLPD101S Datasheet HTML 5Page - Rectron Semiconductor SLPD101S Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SLPDS
Dimensions in inches and (millimeters)
NOTES :1.
2.Thermal Resistance :Mounted on PCB.
" ROHS compliant"
2019-11
REV:A
@TA = 25
oC
@TA = 150
oC
1.0
0.5
0.5
uAmps
mAmps


Similar Part No. - SLPD101S

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
submersible level probe
logo
Cornell Dubilier Electr...
SLP CDE-SLP Datasheet
369Kb / 9P
Best for switching power supplies
logo
Honeywell Solid State E...
SLP HONEYWELL-SLP Datasheet
469Kb / 5P
SLSeries Limit Switch
logo
JST Mfg. Co., Ltd.
SLP-06V JST-SLP-06V Datasheet
177Kb / 3P
SL CONNECTOR 3.96mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Richco, Inc.
SLP-1 RICHCO-SLP-1 Datasheet
19Kb / 1P
SNAP LOCK PIN
More results

Similar Description - SLPD101S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS1001M RECTRON-RS1001M_10 Datasheet
488Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
DB201LS RECTRON-DB201LS Datasheet
487Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2020-04/97 REV:A
KBL401 RECTRON-KBL401 Datasheet
125Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
2020-04/10 REV:A
MB1S RECTRON-MB1S Datasheet
175Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-08 REV:B
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
MSB601M RECTRON-MSB601M Datasheet
117Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2020-01/47 REV:O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com