Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP0926 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CDP0926
Description  PHASE SHIFTER, 4 SECTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CDP0926 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CDP0926 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
CDP0926
Phase Shifter,
4 Section Connectorized
FEATURES
1215 - 1400 MHz
22.5
° LSB, 337.5° Range
TTL Driver
Replaceable SMA Connector
HDI
DA ICO
I ndustries
Rev. E / Iss. 1
TYPICAL PERFORMANCE
at 25
°C
1.0
0
0
2.0
10
100
1700
1400
2000
500
1.9
9
90
1.8
8
80
1.7
7
70
1.6
6
60
1.5
5
50
1.4
4
40
1.3
3
30
1.2
2
20
1.1
1
10
FREQUENCY (MHz)
1000
I. LOSS
VSWR
ISO
E6
E3
+5V
E5
E4
-15V
E2
E1
GND
E8
J3
J4
J2
J1
E7
SWITCH
SP2T
SWITCH
SP2T
PHASE SHIFTER
4 SECTION
SURFACE “A” CHEM FILM PER MIL-C-5541 CLASS 3, OTHER SURFACES ARE EPOXY PAINT
PER MIL-F-14072, COLOR BLACK LUSTERLESS PER MIL-C-22750, COLOR NO. 37038
PER FED-STD-595 OVER PRIMER PER MIL-P-23377 OVER WASHPRIMER PER DOD-P-15328
.xx = .02
.xxx = .010
SMA CONNECTORS
(4 PLACES)
.125
±.015
.50
.50
3.30
1.75
2.80
7.00
±.50
.144/.152 DIA
4 PLACES
2.000
PART
J3
J4
J2
J1
IDENTIFICATION
M24308/3-1
(15 PINS)
1
P1
E
7
E
6
E
5
E
4
E
3
E
2
E
1
E
8
G
N
D
CABLE TIE
DOWN AREA
M81044/12-24-9
CABLE WIRE
(24 AWG)
M24308/25-9
2 PLACES
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1215
1400
MHz
DC Current
93
200
mA
At +5 VDC Supply
122
200
mA
At -15 VCD Supply
Control Type
TTL
6 Line
Logic “0” = Refer Phase
Logic “1” = Phase Shift: E1,
E2, E5, E6
Control Current
High
0
±20 µA
VIH = +2.7 V
Low
0
±20 µA
VIL = +0.5 V
Insertion Loss
1.5
2.6
3
dB
At Room Temperature
Phase:
LSB
22.5
DEG
Range
0
337.5
DEG
22.5, 45, 90, 180 At 1215 MHz
Accuracy
±6 DEG
Isolation
40
52
dB
VSWR
1.13/1
1.5/1
Impedance
50
OHMS
Switching Speed
1.7
3.5
µSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
1.5
µSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
2mV
Peak Value
Intercept Points
2nd
+68
dBm
2000 / 785 MHz
3rd
+44
dBm
1000 / 785 MHz
RF Power
Operate
+36
+34
dBm
0.2 dB Compression
No Damage
+36
dBm
Operating Temperature
-54
+25
+80
°CTA
GUARANTEED PERFORMANCE
P1 PIN NO.
UNIT PIN NO.
FUNCTION
1
GND
GROUND
2E 3
+ 5 V
3E 4
-15V
4E 1
1 8 0
°
5E 6
9 0
°
6E 5
4 5
°
7E 2
2 2.5
°
8-
N / C
9-
N / C
N/C = No Connection
10
E8
J1/J2
11
E7
J3/J4
12
-
N /C
13
-
GND
14
-
GND
15
-
N /C


Similar Part No. - CDP0926

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CDP055PNP CDIL-CDP055PNP Datasheet
81Kb / 3P
SILICON PLANAR POWER TRANSISTORS
logo
DAICO Industries, Inc.
CDP0815 DAICO-CDP0815 Datasheet
28Kb / 1P
PHASE SHIFTER, 4 SECTION
More results

Similar Description - CDP0926

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDP0815 DAICO-CDP0815 Datasheet
28Kb / 1P
PHASE SHIFTER, 4 SECTION
CPS0827 DAICO-CPS0827 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
Phase Shifter, 4 Section
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
Phase Shifter 4 Section
DPS45081 DAICO-DPS45081 Datasheet
160Kb / 1P
Phase Shifter 4 Section
DPS45085 DAICO-DPS45085 Datasheet
45Kb / 1P
Phase Shifter 4 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com