Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDS0621 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CDS0621
Description  Pin Diode SPST
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CDS0621 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CDS0621 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
MODEL NUMBER
CDS0621
FEATURES
• 20 -2000 MHz
• 6 mA, +5 VDC
• 70 dB Isolation
• TTL Driver
• Non-Reflective
• Replaceable SMA Connectors
SPST
88
Pin Diode SPST
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - CDS0621

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0622 DAICO-CDS0622 Datasheet
156Kb / 1P
PIN Diode SP2T
CDS0623 DAICO-CDS0623 Datasheet
158Kb / 1P
PIN Diode SP3T
CDS0624 DAICO-CDS0624 Datasheet
159Kb / 1P
PIN Diode SP4T
More results

Similar Description - CDS0621

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0551 DAICO-DS0551 Datasheet
149Kb / 1P
PIN Diode SPST
DSW16186 DAICO-DSW16186 Datasheet
148Kb / 1P
PIN Diode SPST
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
AlGaAs SPST Non-Reflective PIN Diode Switch
MA4AGSW1 MACOM-MA4AGSW1 Datasheet
178Kb / 6P
AlGaAs SPST Reflective PIN Diode Switch
MA4AGSW900-287T MACOM-MA4AGSW900-287T Datasheet
134Kb / 5P
AIGaAs PIN Diode High Isolation SPST Switch
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
136Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1_V5 MA-COM-MA4AGSW1_V5 Datasheet
121Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com