Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2113DU
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2113DU Datasheet HTML 9Page - NXP Semiconductors PCF2113DU Datasheet HTML 10Page - NXP Semiconductors PCF2113DU Datasheet HTML 11Page - NXP Semiconductors PCF2113DU Datasheet HTML 12Page - NXP Semiconductors PCF2113DU Datasheet HTML 13Page - NXP Semiconductors PCF2113DU Datasheet HTML 14Page - NXP Semiconductors PCF2113DU Datasheet HTML 15Page - NXP Semiconductors PCF2113DU Datasheet HTML 16Page - NXP Semiconductors PCF2113DU Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
13 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
[1]
Start-up value.
8.1.1.8
Command: RAM_ROM_config
The RAM_ROM_config command allows configuring the display memory.
[1]
Default value.
Status_Register_9
7 to 3
-
00000
fixed value
2QPR
charge pump charge status
0
charge pump has not reached programmed
value
1
charge pump has reached programmed value
1CRF
reset flag status
the reset flag is set whenever a reset occurs; it
should be cleared for reset monitoring (see
Table 8)
0
no reset has occurred since the reset flag
register was cleared last time
1[1]
reset has occurred since the reset flag
register was cleared last time
0
COE
see Table 10
CLK pin setting status
Table 12.
Read_status_reg - readout register command bit description …continued
Bit
Symbol
Value
Description
Table 13.
RAM_ROM_config - display memory configuration command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 2
-
010100
fixed value
1, 0
RR[1:0]
CGRAM and CGROM select (see Section 8.5)
00[1]
column 1 (address 0001) = CGROM
column 2 (address 0010) = CGROM
01
column 1 (address 0001) = CGROM
column 2 (address 0010) = CGRAM
10
column 1 (address 0001) = CGRAM
column 2 (address 0010) = CGROM
11
column 1 (address 0001) = CGRAM
column 2 (address 0010) = CGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com