Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 39Page - NXP Semiconductors PCF8545ATT Datasheet HTML 40Page - NXP Semiconductors PCF8545ATT Datasheet HTML 41Page - NXP Semiconductors PCF8545ATT Datasheet HTML 42Page - NXP Semiconductors PCF8545ATT Datasheet HTML 43Page - NXP Semiconductors PCF8545ATT Datasheet HTML 44Page - NXP Semiconductors PCF8545ATT Datasheet HTML 45Page - NXP Semiconductors PCF8545ATT Datasheet HTML 46Page - NXP Semiconductors PCF8545ATT Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
43 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
[1]
The relationship between the temperature coefficients SA to SF and the slope factor is derived from the
following equation:
, where LSB of V[8:0]
 30 mV.
The binary value of the temperature compensated voltage VT[8:0] is calculated according
to Table 34.
Table 33.
Temperature coefficients
TSA[2:0] to TSF[2:0] value
Slope factor (mV/
C)
Temperature coefficients
SA to SF[1]
000
0
0.000
001
6
0.125
010
12
0.250
011
24
0.500
100
60
1.250
101
+6
+0.125
110
+12
+0.250
111
+24
+0.500
Table 34.
Calculation of the temperature compensated value VT
Temperature
(
C)
Digital temperature:
TD[7:0]
Binary value of the temperature compensated
voltage: VT[8:0]
Sn
0.6275
C

LSB of V[8:0] mV

-----------------------------------------------
slope factor (mV/
C 
=
T40
C
–
TD 7:0

0
=
96
T2
–

–
SC
T2
T1
–
 SB T1 SA
–
–
40
C
–
TT1
0TD 7:0
 T1
96
T2
–

–
SC
T2
T1
–
 SB
T1
TD 7:0

–
 SA
–
–
T1
T
T2
T1
TD 7:0
 T2
96
T2
–

–
SC
T2
TD 7:0

–
 SB
–
T2
T
20
C
T2
TD 7:0
 96
96
TD 7:0

–

–
SC
20
CTT3
96
TD 7:0
 T3
TD 7:0
 96
–
 SD
T3
T
T4
T3
TD 7:0
 T4
T3
96
–
 SD
TD 7:0
 T3
–
 SE
+
T4
T
105
C
T4
TD 7:0
 231
T3
96
–
 SD
T4
T3
–
 SE
TD 7:0
 T4
–
 SF
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com