Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA09035 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSA09035
Description  Digital Attenuator Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSA09035 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSA09035 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1
1200
MHz
DC Current
400
mA
At +5 VDC Supply
200
mA
At -15 VDC Supply
Control Type
TTL
5 Line, See Logic Table
Strobe, Active High, Leading
Edge Trigger
Control Current
High
±1
µA
VIH = +2.7 V
Low
±1
µA
VIL = +0.5 V
Isolation
85
95
dB
Between Outputs
Insertion Loss
1.2
1.5
dB
Phase
±1
±2 DEG
Attenuation
LSB
6dB
Range
60
dB
6, 6, 12, 18, 18
Accuracy
dB
±(0.4 dB +2% of Attenuation
Setting in dB)
VSWR
1.25/1
1.35/1
Impedance
50
OHMS
Switching Speed
3.5
10
µSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
1.0
µSec
10% / 90% to 90% / 10% RF
Switching (Video) Transients
-100
-60
dBm
1 - 100 MHz (At 10 Hz Rate)
-100
-75
dBm
100 - 1200 MHz (At 10 Hz Rate)
Intercept Points
2nd
+50
+75
dBm
3rd
+33
+39
dBm
RF Power
Operate
+20
+15
dBm
0.1 dB Compression
No Damage
+21
dBm
1.0 dB Compression
+30
dBm
Operating Temperature
0
+25
+75
°CTA
MODEL NO.
CSA09035
Digital Attenuator Assembly
FEATURES
1 - 1200 MHz
6 dB LSB, 60 dB Range
High Intercept Points
1.2 dB Insertion Loss
Phase Balanced
TTL Control
Eight Integrated 5 Section Digital Attenuators
HDI
DA ICO
I ndustries
GUARANTEED PERFORMANCE
Rev. - / Iss. 1
1
2
3
4
5
13
14
15
16
17
18
19
20
(STB)
STROBE
PA01
PA02
PA03
PA04
PA05
STB1
STB2
STB3
STB4
STB5
STB6
STB7
STB8
J17
12
24
25
11
-15 VDC
DC RTN
DC RTN
+5 VDC
J17
CHANNEL 1 THRU 8
“0”, “1”
AS REQUIRED
“0”
“0”
“0”
“0”
“0”
0 dB
RF IN
RF OUT
6 dB
6 dB
12 dB
18 dB
18 dB
1
2
3
4
5
6
7
8
.090
.32
.40
1.05
MAX
.360
.60
.08 MAX.
HDW
.80
1.10
TYP
7.70
J16
J15
J14
J13
J12
J11
J10
J9
J1
J2
J3
J4
J5
J6
J7
J8
PART
IDENTIFICATION
1.50
7.40
A0 REF
10.30
10.75
11.30
11.70
1.750
3.500
.48
FF6010L-6-A (FLOAT)
3 PLACES (DEUTSCH)
.138-32 UNC, REF
SHARP TO
.26 R, MAX.
4 PLACES
2 SPACER/
WASHERS REQD
WITH SLIDE LOCK
D53018 (CANNON)
2 PLACES
.13 X 45
°
10 PLACES
.73 .60
.350
SHARP
TO .26 R,
MAX.
2 PLS
3.00
3.08
3.25
3.750
.69
.385
.365
2 PLS
.229
.209
2 PLS
4.45
PA05
PAO4 PA03 PA02
PA01
FUNCTION
00
0
0
0
0 dB
00
0
0
1
6 dB
00
0
1
1
12 dB
00
1
0
1
18 dB
00
1
1
1
24 dB
01
0
1
1
30 dB
01
1
0
1
36 dB
01
1
1
1
42 dB
11
0
1
1
48 dB
11
1
0
1
54 dB
11
1
1
1
60 dB
XX
X
X
X
Invalid
LOGIC TABLE
1
.40
MAX
2.23
SMA FEMALE
16 PLS
M2430813-3F
CONN, 25 PIN
.67


Similar Part No. - CSA09035

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSA09034 DAICO-CSA09034 Datasheet
37Kb / 1P
SP4T Switch Assembly
More results

Similar Description - CSA09035

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT65-0413_V9 MA-COM-AT65-0413_V9 Datasheet
209Kb / 5P
Digital Attenuator
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com