Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSF49110 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSF49110
Description  Switchable Band Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSF49110 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSF49110 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1300
2100
MHz
DC Current
123
200
mA
At +5 VDC
24
70
mA
At -15 VDC
Control Logic
3 Line TTL Control
Control Current
±10 µA
Noise Figure
+15
dB
Insertion Loss
-1.25
±0.1 +1.25 dB
Insertion Loss vrs. Temp.
-1.25
±0.5 +1.25 dB
VSWR
2.0/1
Impedance
50
OHMS
RF Power
Operate
+10
dBm
No Damage
+20
dBm
Operating Temperature
-54
+25
+110
°CTA
Rev. 2 / Iss. 2
MODEL NO.
CSF4911 0
Switchable Band Pass Filter
FEAT URES
1300 - 2100 MHz
4 Bands
1.2 Max Insertion Loss
0.5 dB Flatness
GPO Connectors
MFA
GUARANTEED PERFORMANCE
DA I C O
I ndustries
THESE SURFACES
TO BE FREE OF
PAINT AND PRIMER
P1
P2
P3
.296
.715
1.940
2.000
4.250
5.250
.573
.203
THERMAL INTERFACE SURFACE
(THESE SURFACES TO BE FREE
OF PAINT AND PRIMER) 2 PL
GPO
CONNECTOR
MALE W/FEED
THROUGH
.480
6.778
2X 1.729
.480
6.393
.06
2X R.125
2X R.100
.58
MS16555-631
OR EQUIVALENT
2 PL
7183517
RETAINER
2 PL
7183538
EJECTOR
2 PL
7.12 REF.
6.75
REF.
CROSS-HATCHED AREAS
(BOTH NEAR AND FARSIDE)
TO BE FREE OF PAINT
AND PRIMER.
13
15
14
12
11
10
6
8
9
7
5
4
3
NC
LOGIC A3
NC
NC
NC
-15Vdc IN
LOGIC A2
+5Vdc RET
LOGIC A1
LOGIC RET
NC
NC
NC
P3 CONNECTOR CHART
2
1
PIN #
-15Vdc RET
+5Vdc IN
DES.
+15Vdc IN
-15Vdc RET.
+5Vdc IN
-5Vdc RET.
EMI/RFI
FILTER
EMI/RFI
FILTER
RF IN
(P1)
LOGIC RET.
A2
A3
A1
VOLTAGE SUPPLIES
THRU. PATH
FILTER #4
FILTER #3
FILTER #2
FILTER #1
RF OUT
(P2)


Similar Part No. - CSF49110

ManufacturerPart #DatasheetDescription
logo
Clarke International
CSF4 CLARKE-CSF4 Datasheet
1Mb / 4P
STOVE FANS
GC1118 - ISS 1
logo
Chip Integration Techno...
CSF4040CT-A CITC-CSF4040CT-A Datasheet
469Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF40L100CT-A CITC-CSF40L100CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF40S45PT CITC-CSF40S45PT Datasheet
493Kb / 3P
40A MOS Schottky Rectifier
logo
Clarke International
CSF4B CLARKE-CSF4B Datasheet
726Kb / 4P
STOVE FAN
GC 05 25
More results

Similar Description - CSF49110

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5017G PCA-EPB5017G Datasheet
25Kb / 1P
Band Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FBS-50 SYNERGY-FBS-50 Datasheet
330Kb / 2P
BAND PASS FILTER
FBS-140 SYNERGY-FBS-140 Datasheet
399Kb / 3P
band pass filter
FIS-50 SYNERGY-FIS-50 Datasheet
315Kb / 2P
BAND PASS FILTER
FIS-60 SYNERGY-FIS-60 Datasheet
192Kb / 2P
BAND PASS FILTER
FNS-400 SYNERGY-FNS-400 Datasheet
194Kb / 2P
BAND PASS FILTER
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
Band Pass Filter
BPF2012LM17R2400A YAGEO-BPF2012LM17R2400A Datasheet
372Kb / 5P
Band Pass Filter
logo
Mini-Circuits
XBF-24 MINI-XBF-24 Datasheet
511Kb / 6P
Band Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FIS-10.7 SYNERGY-FIS-10.7 Datasheet
192Kb / 2P
BAND PASS FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com