Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF57 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SF57
Description  GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Ampere
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF57 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SF57 Datasheet HTML 1Page - Rectron Semiconductor SF57 Datasheet HTML 2Page - Rectron Semiconductor SF57 Datasheet HTML 3Page - Rectron Semiconductor SF57 Datasheet HTML 4Page - Rectron Semiconductor SF57 Datasheet HTML 5Page - Rectron Semiconductor SF57 Datasheet HTML 6Page - Rectron Semiconductor SF57 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
SF51
THRU
SF57
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEA TURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High
surge capability
* Good for switching mode circuit
MECHANICAL DATA
* Case: Molded plastic
* Epoxy:
Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* W eight: 1.18 g r am s
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 3)
Current Squared Time
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
I
2
t
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
5.0
125
64.8
5.0
20
50
Amps
A
2S
0 C/W
0 C
Operating and Storage Temperature Range
Rθ JL
Rθ JA
IO
-55 to + 150
pF
Volts
30
100
300
150
SF51
SF53
SF55
SF52
SF54
200
400
SF56
50
100
300
150
200
400
50
70
210
105
140
280
35
600
SF57
600
420
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Typical Thermal Resistance : At 9.5mm lead lengths,PCB mounted.
2020-03
REV:C
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
5.0
35
@TA = 150
oC
@TA = 25
oC
trr
0.95
1.25
2.0
50
UNITS
SF51
SF53
SF55
SF52
SF54
SF56
SF57
1.50
.954 (24)
MIN.
.335 (8.5)
.375 (9.5)
MIN.
.220 (5.6)
.197 (5.0)
DIA.
.052 (1.3)
.048 (1.2)
DIA.
DO-201AD
mAmps
.954 (24)


Similar Part No. - SF57

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF57 MOSPEC-SF57 Datasheet
129Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
logo
Won-Top Electronics
SF57 WTE-SF57 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF57 EIC-SF57 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Formosa MS
SF57 FORMOSA-SF57 Datasheet
36Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Micro Commercial Compon...
SF57 MCC-SF57 Datasheet
90Kb / 2P
5.0 Amp Super Fast Rectifier 50 to 600 Volts
More results

Similar Description - SF57

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF11 RECTRON-SF11 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
SF51 RECTRON-SF51 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
1E1 RECTRON-1E1 Datasheet
88Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
SF51CK RECTRON-SF51CK Datasheet
212Kb / 4P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Amperes
SF161 RECTRON-SF161 Datasheet
378Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 16 Ampere
USF11 RECTRON-USF11 Datasheet
33Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
EFM504 RECTRON-EFM504 Datasheet
117Kb / 7P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 5.0 Ampere
EFM507 RECTRON-EFM507 Datasheet
122Kb / 7P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 5.0 Ampere
ES1A RECTRON-ES1A Datasheet
242Kb / 8P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
ES5A RECTRON-ES5A Datasheet
132Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 5.0 Ampere
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com