Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM18HB331SZ1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # BLM18HB331SZ1
Description  BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLM18HB331SZ1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  BLM18HB331SZ1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLM18HB331SZ1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLM18HB331SZ1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd BLM18HB331SZ1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Search Data Sheet
BLM18HB331SZ1#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLM18HB331SZ1# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLM18HB331SZ1%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/05/2022
< List of part numbers with package codes >
BLM18HB331SZ1B
BLM18HB331SZ1D
BLM18HB331SZ1J
Appearance & Shape
Applications
Automotive Usage
Infotainment
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
B
Bulk(Bag)
1000
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
1 of 4


Similar Part No. - BLM18HB331SZ1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18HB331SZ1 MURATA-BLM18HB331SZ1 Datasheet
194Kb / 3P
Operating Temperature Range
More results

Similar Description - BLM18HB331SZ1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18EG221TZ1 MURATA1-BLM18EG221TZ1_V01 Datasheet
251Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18EG331TZ1 MURATA1-BLM18EG331TZ1_V01 Datasheet
256Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18EG391TN1 MURATA1-BLM18EG391TN1_V01 Datasheet
249Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18EG471SN1 MURATA1-BLM18EG471SN1_V01 Datasheet
251Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18HD471SN1 MURATA1-BLM18HD471SN1_V01 Datasheet
245Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18HD471SZ1 MURATA1-BLM18HD471SZ1_V01 Datasheet
246Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18HE102SN1 MURATA1-BLM18HE102SN1_V01 Datasheet
283Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18HE152SH1 MURATA1-BLM18HE152SH1 Datasheet
287Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18HE152SN1 MURATA1-BLM18HE152SN1_V01 Datasheet
286Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18HE601SZ1 MURATA1-BLM18HE601SZ1_V01 Datasheet
286Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com