Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM18HB331SZ1D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # BLM18HB331SZ1D
Description  BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLM18HB331SZ1D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  BLM18HB331SZ1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLM18HB331SZ1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLM18HB331SZ1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd BLM18HB331SZ1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Search Data Sheet
BLM18HB331SZ1#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLM18HB331SZ1# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLM18HB331SZ1%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/05/2022
Features
BLM18H/BLM18E series has a modified internal electrode
structure, that minimizes stray capacitance and
increases the effective frequency range.
Features (BLM18H series)
1. BLM18H series realizes high impedance at 1GHz and
is suitable for noise suppression from 500MHz to
GHz range. The impedance value of HG/HD-type is
about three times as large as that of A/B-type at
1GHz, though the impedance characteristic of
HG/HD-type is similar to A/B-type at 100MHz or less.
2. HG-type is effective in noise suppression in wide
frequency range (several MHz to several GHz).
HB/HD-type for high-speed signal line provides a
sharper roll-off after the cut-off frequency.
HK-type for digital interface and HE-type for
optical pickup modules are effective in suppressing
the ringing because resistance especially grows in
the lower frequency.
3. The magnetic shielded structure minimizes crosstalk.
Features (BLM18E series)
1. Low DC Resistance and a large Rated Current are
suitable for noise suppression of the driver
circuit.
2. Excellent direct current characteristics
3. Thin type (t=0.5mm) is suitable for small and low
profile equipment such as DSC, cellular phones.
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com