Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSW48051 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSW48051
Description  Switch SP4T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSW48051 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSW48051 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
CSW48051
FEATURES
• 20-2800 MHz
• +46 dBM 3rd Order Intercept Point
• 100 nSec Switching Speed
• Flat Pack
• 43 dB Isolation
SP4T
Switch SP4T
D AICO Industr ies
143
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - CSW48051

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CSW412 SENSATA-CSW412 Datasheet
207Kb / 3P
COMPACT SINE WAVE ON THE GO
Rev: 07/20/19
More results

Similar Description - CSW48051

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
Switch SP4T
logo
Pasternack Enterprises,...
PE71S6126 PASTERNACK-PE71S6126 Datasheet
439Kb / 4P
SP4T Switch
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
SP4T Switch
PE71S6182 PASTERNACK-PE71S6182 Datasheet
413Kb / 4P
SP4T Switch
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
SP4T Switch
PE71S6192 PASTERNACK-PE71S6192 Datasheet
495Kb / 6P
SP4T Switch
logo
Mini-Circuits
MSP4TA-18 MINI-MSP4TA-18 Datasheet
373Kb / 3P
SP4T Switch
MSP4TA-18-12 MINI-MSP4TA-18-12 Datasheet
397Kb / 3P
SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
SP4T Switch
MSP4TA-18D MINI-MSP4TA-18D Datasheet
534Kb / 3P
SP4T Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com