Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSW52216 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSW52216
Description  Switch SP5T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSW52216 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSW52216 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP5T
MODEL NUMBER
CSW52216
FEATURES
• 1 - 2800 MHz
• 65 dB Isolation
• +40 dB 3rd Order Intercept Point
Switch SP5T
D AICO Industr ies
155
310.507.3242 • FAX 310.507.5701 • www.daico.com
SP5T


Similar Part No. - CSW52216

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CSW SENSATA-CSW Datasheet
207Kb / 3P
COMPACT SINE WAVE ON THE GO
Rev: 07/20/19
logo
Crydom Inc.,
CSW CRYDOM-CSW Datasheet
659Kb / 7P
Panel Mount
logo
Sensata Technologies, I...
CSW-24 SENSATA-CSW-24 Datasheet
159Kb / 3P
24V SINE WAVE ON THE GO
Rev: 07/20/19
logo
Mimix Broadband
CSW0118-BD MIMIX-CSW0118-BD Datasheet
397Kb / 3P
0.5 to 18 GHz GaAs pHEMT MMIC SPDT Switch
CSW0118-BD MIMIX-CSW0118-BD Datasheet
294Kb / 4P
0.5-18 GHz GaAs pHEMT MMIC SPDT Switch
More results

Similar Description - CSW52216

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSWM9096 DAICO-CSWM9096 Datasheet
191Kb / 1P
Switch SP5T
DSW52179 DAICO-DSW52179 Datasheet
157Kb / 1P
Switch SP5T
DSW56178 DAICO-DSW56178 Datasheet
188Kb / 1P
Switch SP5T
logo
Spectrum Microwave, Inc...
310-021005-001 SPECTRUM-310-021005-001 Datasheet
117Kb / 1P
SP5T SWITCH
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
SP5T RF SWITCH
logo
Sony Corporation
CXG1235XR SONY-CXG1235XR Datasheet
176Kb / 7P
SP5T Antenna Switch
logo
API Technologies Corp
310-021005-001 APITECH-310-021005-001 Datasheet
229Kb / 1P
SP5T SWITCH
logo
Infineon Technologies A...
BGS15AN16 INFINEON-BGS15AN16 Datasheet
1Mb / 16P
SP5T Antenna Switch
Revision 2.1, 2013-01-21
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
SP5T RF Switch
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
SP5T RF Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com