Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSWX6152 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSWX6152
Description  PIN Diode RF Switch Matrix
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSWX6152 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSWX6152 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
CSWX6152
PIN Diode RF Switch Matrix
FEATURES
20 - 1000 MHz
+90 dBm 2nd Order Intercept Point
+50 dBm 3rd Order Intercept Point
High Isolation
TTL Drivers
Replaceable SMA Connectors
HDI
D A ICO
I ndustries
Rev. N/D / Iss. 1
GUARANTEED PERFORMANCE
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
20
1000
MHz
DC Current
95
600
mA
At +5 VDC Supply
275
300
mA
At -5 VDC Supply
Control Type
CMOS
6 Line Control
Control Current
High
µA
VIH = +5V
Low
µA
VIL = +0V
Insertion Loss
2.5
3.5
dB
RF IN to RF OUT Path
1.0
1.3
dB
AUX IN to RF OUT Path
2.3
3.5
dB
RF IN to AUX OUT
1.0
1.3
dB
PARALLEL IN to AUX OUT
Isolation: RF IN to RF OUT Path
50
55
dB
On - Off Isolation
(Except RF IN1 and RF IN4)
60
80
dB
Channel to Channel Isolation
100
105
dB
On - Off Isolation
(For RF IN1 and RF IN4)
AUX IN to RF OUT Path
35
50
dB
On - Off Isolation
RF IN to AUX OUT
30
53
dB
On - Off Isolation
PARALLEL IN to AUX OUT
30
45
dB
On - Off Isolation
VSWR
Thru
1.25/1
1.5/1
Termination
1.25/1
1.5/1
RF IN and AUX IN Only
Impedance
50
OHMS
Switching Speed
2.5
5
µSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
nSec
10% / 90% to 90% / 10% RF
Switching (Video) Transients
mV
Peak Value
Intercept Points
2nd
+60
+90
dBm
70 MHz / 50 MHz
3rd
+35
+50
dBm
35 MHz / 50 MHz
RF Power
Operate
+20
dBm
1.0 dB Compression
No Damage
dBm
Operating Temperature
-20
+25
+85
°CTA
BLOCK DIAGRAM
J1 RF IN 1
J2 RF IN 2
J3 RF IN 3
J9 RF IN 4
J8 RF IN 5
J10 RF IN 6
J11 RF IN 7
J5 AUX IN 1
J6 AUX IN 2
J13 AUX IN 3
J15 PARALLEL IN
SW1
SW4
SW2
SW5
SW3
SW6
SW7
SW8
SW9
SW10
J4
RF OUT 1
J7
RF OUT 2
J12
RF OUT 3
J14
AUX OUT
TYPICAL PERFORMANCE
at 25
°C
ISO (dB)
I.L. (dB)
VSWR
100
75
50
25
0
0
1.0
2.0
3.0
4.0
1.0
1.2
1.4
1.6
1.8
FREQUENCY (MHz)
1
4
10
40
100
400
1000
3000
J1
J2
J3
J4
J5
J6
J7
J8
J9
.050
.050
TYP
5.00
0.13
2.00
1.00
CONN. DEVICES, INC.
5660-2CC,
9 PLACES
.050
0.55
TYP
PART IDENTIFICATION
4.30
0.125 DIA THRU
CBORE .25 X .25 DEEP
4 PLACES
CONN. DEVICES, INC.
5678-5CC,
6 PLACES
MQ - 313-051-113-2200
(AIRBORN, INC.)
0.70
0.90
REF
0.46
0.74
0.38
0.15
0.73 TYP
0.30
0.50


Similar Part No. - CSWX6152

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSWX1923 DAICO-CSWX1923 Datasheet
28Kb / 1P
PIN Diode SP2T & SP6T
CSWX9023 DAICO-CSWX9023 Datasheet
23Kb / 1P
4x5 Switch Matrix
CSWX9290 DAICO-CSWX9290 Datasheet
39Kb / 1P
High Power Antenna Selector
More results

Similar Description - CSWX6152

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RC-2MTS-18 MINI-RC-2MTS-18 Datasheet
993Kb / 8P
RF Transfer Switch Matrix
RC-2SP4T-26 MINI-RC-2SP4T-26 Datasheet
584Kb / 7P
RF SP4T Switch Matrix
RC-1SP6T-26 MINI-RC-1SP6T-26 Datasheet
977Kb / 7P
RF SP6T Switch Matrix
RC-2SPDT-A26 MINI-RC-2SPDT-A26 Datasheet
4Mb / 11P
RF SPDT Switch Matrix
RC-3MTS-18 MINI-RC-3MTS-18 Datasheet
1Mb / 11P
RF Transfer Switch Matrix
RC-4SPDT-A26 MINI-RC-4SPDT-A26 Datasheet
4Mb / 11P
RF SPDT Switch Matrix
RC-1SP4T-40 MINI-RC-1SP4T-40 Datasheet
824Kb / 7P
RF SP4T Switch Matrix
RC-2MTS-12N MINI-RC-2MTS-12N Datasheet
974Kb / 7P
RF Transfer Switch Matrix
REV. A
RCM-3SP4T-18 MINI-RCM-3SP4T-18 Datasheet
557Kb / 7P
RF SP4T Switch Matrix
REV. A
RCM-6SPDT-18 MINI-RCM-6SPDT-18 Datasheet
649Kb / 7P
RF SPDT Switch Matrix
REV. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com