Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSWX9023 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSWX9023
Description  4x5 Switch Matrix
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSWX9023 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSWX9023 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
CSWX9023
4x5 Switch Matrix
FEATURES
450 - 600 MHz
High Isolation
TTL Driver
Terminated Switches
SMA Connectors
HDI
D A ICO
I ndustries
Rev. N/D / Iss. 1
F1
J6 (F1)
PWR
DVDR
SWITCH
1
F2
J7 (F2)
PWR
DVDR
F3
J8 (F3)
PWR
DVDR
F4
J9 (F4)
PWR
DVDR
(RF OUT1) J1
SWITCH
2
(RF OUT2) J2
SWITCH
3
(RF OUT3) J3
SWITCH
4
(RF OUT4) J4
SWITCH
5
(RF OUT5) J5
F1
F2
F3
F4
F1
F2
F3
F4
F1
F2
F3
F4
F1
F2
F3
F4
J10 CONTROL
7.50
M83503/25-21
40 PINS (J10)
SMA FEMALE
9 PLACES
3.75
9.00
J1
J7
J6
J2
J3
J4
J5
J8
J9
J10
.xx = .02
.xxx = .010
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
450
600
MHz
DC Current
85
150
mA
At +5 VDC Supply
Control Type
TTL
See Control Table
Control Current
High
140
µA
VIH = +2.7 V
Low
.01
-1.6
µA
VIL = +0.5 V
Insertion Loss
10.4
11.5
dB
Isolation
75
76
dB
Between Selected and
Non-Selected Inputs as
Measured at the
Corresponding Output
VSWR
Thru
1.4
2/1
Impedance
50
OHMS
Switching Speed
2.4
3
µSec
50% TTL to 10% / 90% RF
Transition (Rise/Fall) Time
18
µSec
10% / 90% to 90% / 10% RF
Switching (Video) Transients
850
mV
Intercept Poing
2nd
+85
dBm
3rd
+50
dBm
RF Power
No Damage
+32
dBm
Operate
Operating Temperature
0
+25
+65
°CTA
GUARANTEED PERFORMANCE


Similar Part No. - CSWX9023

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSWX9290 DAICO-CSWX9290 Datasheet
39Kb / 1P
High Power Antenna Selector
More results

Similar Description - CSWX9023

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1739 DAICO-100C1739 Datasheet
26Kb / 1P
(2x6) Switch Matrix
100C1820 DAICO-100C1820 Datasheet
30Kb / 1P
(3x3) Switch Matrix
CSWM9125 DAICO-CSWM9125 Datasheet
45Kb / 1P
Switch Matrix
logo
JFW Industries, Inc.
50MS-211 JFW-50MS-211 Datasheet
26Kb / 1P
MATRIX SWITCH
50MS-232 JFW-50MS-232 Datasheet
27Kb / 1P
MATRIX SWITCH
50MS-286 JFW-50MS-286 Datasheet
90Kb / 1P
12x4 MATRIX SWITCH
50MS-291 JFW-50MS-291 Datasheet
95Kb / 1P
12x8 MATRIX SWITCH
50MS-211 JFW-50MS-211_18 Datasheet
31Kb / 2P
MATRIX SWITCH
50MS-305 JFW-50MS-305 Datasheet
32Kb / 2P
MATRIX SWITCH
50MS-340 JFW-50MS-340_18 Datasheet
31Kb / 2P
MATRIX SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com