Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS07 Datasheet(PDF) 3 Page - CUI INC

Part # PS07
Description  PRESSURE SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PS07 Datasheet(HTML) 3 Page - CUI INC

  PS07 Datasheet HTML 1Page - CUI INC PS07 Datasheet HTML 2Page - CUI INC PS07 Datasheet HTML 3Page - CUI INC PS07 Datasheet HTML 4Page - CUI INC PS07 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cuidevices.com
CUI Devices
│ SERIES: PS07 │ DESCRIPTION: PRESSURE SENSOR
date 12/09/2021
│ page 3 of 5
O-ring
MECHANICAL DRAWING
units: mm
tolerance: ±0.1 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
housing
SS 316L
B
diaphragm
SS 316L
C
oil filling
silicon oil
D
o-ring
NBR
(≤4 Mpa models) black
fluorine rubber
(>4 Mpa models) brown
E
pins
KOVAR
gold
Sealed Gauge Pressure or Absolute Pressure <16 MPa
PIN CONNECTIONS
Pin #
Function
1
NC
2
+OUT
3
+IN
4
-OUT
5
-IN
6
NC
INTERFACE DIAGRAM
O-ring
Gasket
Sealed Gauge Pressure ≥16 MPa
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com