Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAD08059 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAD08059
Description  L-Band / UHF Hybrid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAD08059 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAD08059 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
DAD08059
L-Band / UHF Hybrid
FEATURES
180 - 2000 MHz
High Density MIC
26 dB Gain
Flatpack Case
HDI
DA ICO
I ndustries
Rev. N/D / Iss. 1
1.27
.100
TYP
.015
±.002 DIA
24 PLACES
PART IDENTIFICATION
CONTRASTING
COLOR BEAD
.77
1.100
.33 TYP
112
13
24
.xx = .02
.xxx = .010
.20
.070
+5V GND
GND LB/UHF BIT
OUT #2
-5V
UHF
1 BIT
IN
GND
UHF
2 BIT
IN
GND
LB
BIT
IN GND
OUTPUT
SELECT 0
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND LB/UHF BIT
OUT #1
ATTEN
SELECT
LB
SOURCE
SELECT 0
OUTPUT
SELECT 1
SOURCE
SELECT 1
LB
3 x 1
RF
SWITCH
0/24 dB
SWITCH
ATTEN
1 x 2
RF
SWITCH
AMP 1
AMP 2
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
180
2000
MHz
DC Current
0.3
140
mA
At +5 VDC Supply
20
mA
At -5 VDC Supply
Control Type
TTL
Line
Control Current
High
±20 µA
VIH = +2.7 V
Low
±20 µA
VIL = +0.5 V
Gain
24.5
27.5
dB
Attenuator Disabled
Gain Variation with Temp
-1.5
+1.5
Attenuator Disabled
Switch Attenuation
23
25
dB
Variation with Temperature -1
+1
Output Select RF Switch
Isolation
45
dB
Between Any Selected Output
and Other Non-Selected Output
Source Select RF Switch
Isolation
40
dB
Between Any Selected Input
and Other Non-Selected Inputs
VSWR
Input
1.5/1
Input Selected or Not Selected
Output
1.5/1
Output Selected or Not Selected
Impedance
50
OHMS
Switching Speed
30
100
nSec
50% TTL - 90% / 10% RF
Transition (Rise/Fall) Time
5
nSec
10% / 90% or 90% / 10% RF
Switching (Video) Transients
50
mV
Peak Value
Intercept Points
2nd
36
dBm
MHz
3rd
23
dBm
MHz
RF Power Output Power at 1dB
+10
+13
dBm
Attenuator Disabled
Gain Compression
Operating Temperature
-55
+25
+70
°CTA
GUARANTEED PERFORMANCE
Source Select Control Logic
Source Select 1
Source Select 0
Function
00
Off
01
L-Band Bit In
10
UHF 2 Bit In
11
UHF 1 Bit In
Output Select Control Logic
Source Select 1
Source Select 0
Function
00
Off
01
Output #1 On
10
Output #2 On
11
Not Valid State
Switchable Attenuator Control Logic
Source Select 1
Function
00 dB Selected
1
24 dB Selected


Similar Part No. - DAD08059

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAD02006 DAICO-DAD02006 Datasheet
117Kb / 1P
Analog Level Detector
DAD05079 DAICO-DAD05079 Datasheet
141Kb / 1P
Analog Detector
logo
Dorji Industrial Group ...
DAD06 DORJI-DAD06 Datasheet
533Kb / 9P
SX1262 testing board for Arduino UNO and ST Nucleo--L053R8
More results

Similar Description - DAD08059

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T367 SONY-1T367 Datasheet
44Kb / 4P
UHF band VCO
logo
Toshiba Semiconductor
JDV2S09S TOSHIBA-JDV2S09S Datasheet
74Kb / 2P
VCO for UHF band
logo
NXP Semiconductors
OM370 PHILIPS-OM370 Datasheet
238Kb / 6P
HYBRID INTEGRATED CIRCUIT VHF/UHF WIDE-BAND AMPLFIER
December 1980
OM361 PHILIPS-OM361 Datasheet
263Kb / 6P
HYBRID INTEGRATED CIRCUIT VHF/UHF WIDE-BAND AMPLIFIER
December 1980
logo
Toshiba Semiconductor
JDH2S01FS TOSHIBA-JDH2S01FS Datasheet
126Kb / 4P
UHF Band Mixer
JDH2S02FS TOSHIBA-JDH2S02FS Datasheet
160Kb / 4P
UHF Band Mixer
JDH2S02SC TOSHIBA-JDH2S02SC Datasheet
179Kb / 4P
UHF Band Mixer
JDH2S03S TOSHIBA-JDH2S03S Datasheet
191Kb / 3P
UHF Band Mixer
1SS315TPH3F TOSHIBA-1SS315TPH3F Datasheet
130Kb / 3P
UHF Band Mixer Applications
logo
Zhaoxingwei Electronics...
JDH2S01FS ZHAOXINGWEI-JDH2S01FS Datasheet
224Kb / 3P
UHF Band Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com