Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAML6274 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAML6274
Description  Variable Gain Low Noise Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAML6274 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAML6274 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DAML6274
FEATURES
• 0.7-2.1 GHz
• 30 dB Gain
• 1.5 dB Noise Figure
• Variable Gain in 1 dB Steps
• SMA Connectors
• Available in Matched Sets of 2
AMP
Variable Gain Low Noise Amplifier
D AICO Industr ies
27
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DAML6274

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6278 DAICO-DAML6278 Datasheet
49Kb / 1P
Broadband LNA
More results

Similar Description - DAML6274

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2294 UMS-CHA2294 Datasheet
123Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Analog Devices
AD603 AD-AD603_05 Datasheet
605Kb / 20P
Low Noise, 90 MHz Variable Gain Amplifier
3/05-Rev. F to Rev. G
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
35-40GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_15 Datasheet
994Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
Variable Gain Low Noise High Linearity Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com