Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS1A103 Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS1A103
Description  Low Noise Constant Current Laser Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103 Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS1A103 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS1A103 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS1A103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
Low Noise Constant Current Laser Controller
ATLS1A103
APPLICATIONS
Figure 4.1 and 4.2 show a typical application circuit. W1
and W2 set the output current limit and output current
respectively. Resistor R1 and capacitor C1 form a low pass
filter, to lower the noise from the voltage reference.
Laser diode D1 is connected between LDA and LDC. It is
worth mentioning that the power supply return terminal should
be connected to the pin 11 PGND and the cathode of the laser
diode should be connected to the pin 10 LDC. These 2 nodes
should not be connected together externally and they are
connected together internally already by the controller.
Figure 4.1. Typical Stand-alone CW Operation Schematic for ATLS1A103
Figure 4.2. Typical Stand-alone CW Operation Schematic for ATLS1A103-PD
Turning the Controller On and Off
The controller can be turned on and off by setting the SDN
pin high and lower respectively. It is recommended to turn
the controller on by this sequence:
To turn on: For ATLS1A103, turn on the power by
providing the power supply voltage to the controller, turn on
the controller by releasing the SDN pin. For ATLS1A103-
PD, turn on the power by providing the power supply
voltage to the controller, turn on the controller by
connecting the SDN pin to VPS.
To turn off: turn off the controller by lowering the voltage
of SDN pin, turn off the power by stopping the voltage
supply on the VPS pin.
In Figure 4.1 and 4.2, S1 is the shut down switch. For
ATLS1A103, the internal equivalent input circuit of SDN
pin is a pull-up resistor of 100k being connected to VPS in
parallel with a 10pF capacitor to the ground. For ATLS1A103-
PD, the internal equivalent input circuit of SDN pin is a pull-
down resistor of 100k being connected to the ground in parallel
with a 10pF capacitor to the ground. The switch S1 can also be
an electronic switch, such as an I/O pin of a micro
−controller,
with an either open drain or push/pull output. If not using a
switch (S1) to control the laser, leave the SDN pin unconnected.
D2 is an LED, indicating when the control loop works properly,
that is: the output current equals to the input set value. Pin
LPGD has an internal pull up resistor of 5k to the power supply
pin, VPS, pin 10. The pull down resistance is 200
Ω. This 5k
resistor can drive a high efficiency LED directly. When higher
pull up current is needed for driving such as a higher current
LED, an external resistor can be placed between the VPS and
the LPGD pins. Make sure that the resistor is not too small that
the pull down resistor will not be able to pull the pin low
enough when the controller loop is not good. When choosing
not to use an LED for indicating the working status, leave the
Power Supply 0V
(Clock-wise)
Power Supply 5V
S1
SPST
D1
Laser Diode
Shut Down
Loop Good Indication
Current Limit Set
LIO
6
VPS
12
LDC 10
LPGD
7
LDA 9
GND
2
LIS
5
PGND 11
TMPO 8
2.5VR
3
LILM
4
SDN
1
Laser Controller
1
2
C1
1uF to 10uF
Current Set
To ADC
To ADC
(Clock-wise)
2
W1
20k
2
W2
20k
1
2
R1 1M
2
1
D2
LED
Power Supply 0V
(Clock-wise)
Power Supply 5V
S1
SPST
D1
Laser Diode
Shut Down
Loop Good Indication
Current Limit Set
LIO
6
VPS 12
LDC
10
LPGD 7
LDA 9
GND
2
LIS
5
PGND
11
TMPO 8
2.5VR
3
LILM
4
SDN
1
Laser Controller
1
2
C1
1uF to 10uF
Current Set
To ADC
To ADC
(Clock-wise)
2
W1
20k
2
W2
20k
1
2
R1 1M
2
1
D2
LED
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com