Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS1A103DEV1.0 Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Laser Driver ATLS1A103D Evaluation Board Rev. 1.0
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  ATLS1A103DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
Evaluation Board for ATLS1A103D
ATLS1A103DEV1.0
output current, see the schematic shown in Figure 7.
C. Set the Ammeter to a fixed gain or the high value setting,
such as 10A. Otherwise, the automatic ranging setting
circuit of the Ammeter may cause some noise to the
laser when the current range setting is switched inside
the Ammeter.
6. Test the controller with the “dummy laser”. The 5 diodes
on the board, D1 to D5, can form a “dummy laser” to act as
the laser diode in the place of a real laser so that in case
there is a problem in the circuit, the expensive laser would
not be damaged, see schematic in Figure 7. Turn the switch
S1A to the on position (upper), to connect the “dummy
laser” to the controller. Turning switches S1B, S1C, S1D
and S1E, up and down will increase (turning down the
switches) and decrease (turning up the switches) the
forward voltage of the “dummy laser” which can be
measured by a volt meter between the LDA and the ground.
Each diode can increase or decrease the output forward
voltage by about 0.7V when the output current is 1A.
Warning: when output 1A current, the diodes may get
very hot, don’t put your fingers on them. The switch
bank and their corresponding diodes are shown in the table
below. The diode D5 is always activated so that the total
forward voltage range is from 0.7V to 0.7V + 0.7
×4 = 3.5V.
Please be aware of this fact: when the output voltage is low
by shorting circuit all the diodes, the controller will need to
consume a lot of power and may get too hot that the
internal temperature protection circuit shut off the
controller automatically. When this happens, wait for a few
seconds, let the controller cool down, the controller will
restart by itself again after the temperature is lowered to
certain level. This is the way to calculate the power
consumption of the controller:
PDRIVER = IOUT
×(VPS − VOUT) (W),
where PDRIVER is the power consumption of the controller,
IOUT is the output current, VPS is the power supply voltage
applied onto the VPS pin of the controller, VOUT is the
output voltage which is also the voltage on the LDA pin.
The unit is power. When the controller is placed in a free
air, the thermal resistance is about 60
°C/W.
Table 2. The switch controls corresponding diode
Switch Name
Corresponding Diode
S1B
Diode D1
S1C
Diode D2
S1D
Diode D3
S1E
Diode D4
7. Disconnect the dummy laser from the controller. This can
be simply done by turning switch S1A to its lower off
position.
8. Monitor the output voltage. This can be done by using a
volt meter to measure the voltage between LDA and ground.
This node is available at the edge pad (upper right corner),
the terminal block conductor, and the controller pin via. If
the controller works well, the output current should
remain the same as the output voltage changes.
9. Set the output current. Adjusting the potentiometer W2 will
set the output current from 0 to 1A by changing the voltage
on the LIS pin. Due to the low noise nature of the controller,
the actual controllable minimum current is about 10nA, the
lowest one available on the market to our knowledge. The
relationship between the LIS voltage and the output current
is:
IOUT = IMAX × LIS/2.5V (A)
where IOUT is the output current, ILDMAX is the maximum
current of the laser driver in the evaluation board, and LIS
stands for the voltage at the LIS pin.
The output current follows the LIS pin voltage only under
these conditions:
A.The output forward voltage of the load is lower than 4V
at the current desired to set.
B.The current limit is higher than the set-point current
desired to set. The output of the laser.
Please notice that the potentiometer W2 set the voltage on
the node LIS1, which results in a low-pass filtered low
noise voltage. This voltage goes through switch S1G and is
connected to the LIS pin of the controller when the switch
S1G is on the upper on position. In case the LIS pin needs
to be controlled by another external signal source for
modulating the output current, turn this switch S1G on the
lower that is off position, to disconnect the LIS pin from the
LIS1 node.
Since the LIS1 node has a high internal impedance, around
1MΩ, do not use a voltmeter to probe this pin for
measuring the voltage, otherwise error will occur because
the internal resistance of the voltage meter will lower the
output voltage on the LIS1 node.
To measure the LIS1 voltage accurately, use a voltmeter to
probe the LISET node, which is made accessible on the
solder pad or the terminal block conductor of TB1, all on
the left side of the board.
10.Set the output current limit. Adjusting the potentiometer
W1 will set the output current limit from 0 to 1.1A by
setting the voltage on the LILM pin. The relationship
between the LILM voltage and the output current is:
IOUTLIM = IMAX
×1.1×LILM/2.5V (A),
where IOUTLIM is the output current limit, IMAX is the
maximum current of the laser driver in the evaluation board,
and LILM stands for the voltage at the LILM pin.
When the output current set by the LIS pin goes higher than
the current limit set by the LILM pin, the controller will
turn off the controller; after being turned off, the controller



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com