Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP16XT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FEP16XT
Description  Dual Common Cathode Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEP16XT Datasheet(HTML) 3 Page - Vishay Siliconix

  FEP16XT Datasheet HTML 1Page - Vishay Siliconix FEP16XT Datasheet HTML 2Page - Vishay Siliconix FEP16XT Datasheet HTML 3Page - Vishay Siliconix FEP16XT Datasheet HTML 4Page - Vishay Siliconix FEP16XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FEP16xT, FEPB16xT
www.vishay.com
Vishay General Semiconductor
End of Life - FEPF16 Series - October 2021
Revision: 06-May-2021
3
Document Number: 88596
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
0
50
100
150
0
4
8
12
16
20
Case Temperature (°C)
Resistive or Inductive Load
1
10
100
0
50
100
150
200
250
300
Number of Cycles at 60 Hz
T
C = 100 °C
8.3 ms Single Half Sine-Wave
0.2
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
Instantaneous Forward Voltage (V)
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
50 V to 200 V
300 V to 400 V
500 V to 600 V
0
20
40
60
80
100
0.1
0.01
1
10
100
Percent of Rated Peak Reverse Voltage (%)
50 V to 400 V
500 V to 600 V
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
0.1
1
10
100
10
100
1000
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
50 V to 400 V
500 V to 600 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com