Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEPB16XT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FEPB16XT
Description  Dual Common Cathode Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEPB16XT Datasheet(HTML) 1 Page - Vishay Siliconix

  FEPB16XT Datasheet HTML 1Page - Vishay Siliconix FEPB16XT Datasheet HTML 2Page - Vishay Siliconix FEPB16XT Datasheet HTML 3Page - Vishay Siliconix FEPB16XT Datasheet HTML 4Page - Vishay Siliconix FEPB16XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEP16xT, FEPB16xT
www.vishay.com
Vishay General Semiconductor
End of Life - FEPF16 Series - October 2021
Revision: 06-May-2021
1
Document Number: 88596
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Common Cathode Ultrafast Plastic Rectifier
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 245 °C (for TO-263AB package)
• Solder dip 275 °C max. 10 s, per JESD 22-B106 for
TO-220AB package
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3
for D2PAK (TO-263AB package)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power supplies, inverters, freewheeling diodes, DC/DC
converters, and other power switching application.
MECHANICAL DATA
Case: TO-220AB, D2PAK (TO-263AB)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-E3
-
RoHS-compliant,
commercial
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B,....)
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
2 x 8.0 A
VRRM
50 V to 600 V
IFSM
200 A, 125 A
trr
35 ns, 50 ns
VF
0.95 V, 1.30 V, 1.50 V
TJ max.
150 °C
Package
TO-220AB, D2PAK (TO-263AB)
Circuit configurations
Common cathode
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
FEP16xT
FEPB16xT
PIN 1
PIN 2
K
HEATSINK
1
2
3
1
2
K
D2PAK (TO-263AB)
333
DDD3 D
3D Models
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL FEP16AT FEP16BT FEP16CT FEP16DT FEP16FT FEP16GT FEP16HT FEP16JT UNIT
Maximum repetitive peak reverse
voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward
rectified current at TC = 100 °C
IF(AV)
16
A
Peak forward surge current 8.3 ms
single half sine-wave superimposed
on rated load per diode
IFSM
200
125
A
Operating storage and temperature
range
TJ, TSTG
-55 to +150
°C
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - FEPB16XT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16BT GE-FEPB16BT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16CT GE-FEPB16CT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16DT GE-FEPB16DT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16FT GE-FEPB16FT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - FEPB16XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U30BCT VISHAY-U30BCT Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
27-Aug-08
UG8JCT VISHAY-UG8JCT_07 Datasheet
158Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
UG18ACT VISHAY-UG18ACT Datasheet
157Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
UB20BCT-E3 VISHAY-UB20BCT-E3 Datasheet
145Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
30-Oct-13
FEP16XT VISHAY-FEP16XT Datasheet
152Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
23-Feb-16
U20XCT-E3 VISHAY-U20XCT-E3 Datasheet
150Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
30-Oct-13
U30XCT-E3 VISHAY-U30XCT-E3 Datasheet
146Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
30-Oct-13
UG18XCT VISHAY-UG18XCT Datasheet
153Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-16
UG18CT VISHAY-UG18CT Datasheet
189Kb / 4P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-15
GI2401 VISHAY-GI2401_V01 Datasheet
131Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
15-Nov-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com