Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEPE16AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FEPE16AT
Description  Dual Common-Cathode Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEPE16AT Datasheet(HTML) 2 Page - Vishay Siliconix

  FEPE16AT Datasheet HTML 1Page - Vishay Siliconix FEPE16AT Datasheet HTML 2Page - Vishay Siliconix FEPE16AT Datasheet HTML 3Page - Vishay Siliconix FEPE16AT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FEPE16AT thru FEPE16GT
www.vishay.com
Vishay General Semiconductor
Revision: 30-Jan-13
2
Document Number: 89981
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RJA
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONSSYMBOL FEPE16AT FEPE16BT FEPE16CT FEPE16DT FEPE16FT FEPE16GT UNIT
Maximum instantaneous
forward voltage per diode
8.0 A
VF (1)
0.95
1.30
V
Maximum DC reverse
current per diode
at
rated
VR
TC = 25 °C
IR (2)
10
μA
TC = 100 °C
500
Maximum reverse recovery
time per diode
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
50
ns
Typical junction
capacitance per diode
4.0 V, 1 MHz
CJ
85
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FEPE16AT
FEPE16BT
FEPE16CT
FEPE16DT
FEPE16FT
FEPE16GT UNIT
Typical thermal resistance
per diode
RJC
2.2
°C/W
per device
RJA (1)
50
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
FEPE16GT-E3/45
1.92
45
50/tube
Tube
0
50
100
150
0
4
8
12
16
20
Case Temperature (°C)
Resistive or Inductive Load
1
10
100
0
50
100
150
200
250
300
Number of Cycles at 60 Hz
T
C = 100 °C
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com