Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0551 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0551
Description  PIN Diode SPST
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0551 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0551 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
85
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
DS0551
FEATURES
• 400-2000 MHz
• 0.9 dB Insertion Loss
• 60 dB Isolation
• TTL Driver
• Non-Reflective
• .750 Sq. Flat Pack
SPST
PIN Diode SPST


Similar Part No. - DS0551

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DS055100 VISHAY-DS055100 Datasheet
156Kb / 3P
Feed-Through Capacitors with Band Conductor
21-Jan-02
DS055100 VISHAY-DS055100 Datasheet
86Kb / 3P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
DS055100WF102##BJ1 VISHAY-DS055100WF102##BJ1 Datasheet
86Kb / 3P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
More results

Similar Description - DS0551

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0621 DAICO-CDS0621 Datasheet
150Kb / 1P
Pin Diode SPST
DSW16186 DAICO-DSW16186 Datasheet
148Kb / 1P
PIN Diode SPST
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
AlGaAs SPST Non-Reflective PIN Diode Switch
MA4AGSW1 MACOM-MA4AGSW1 Datasheet
178Kb / 6P
AlGaAs SPST Reflective PIN Diode Switch
MA4AGSW900-287T MACOM-MA4AGSW900-287T Datasheet
134Kb / 5P
AIGaAs PIN Diode High Isolation SPST Switch
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
136Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1_V5 MA-COM-MA4AGSW1_V5 Datasheet
121Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1A_V5 MA-COM-MA4AGSW1A_V5 Datasheet
177Kb / 7P
SPST Non-Reflective AlGaAs PIN Diode Switch
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
SPST Non-Reflective AlGaAs PIN Diode Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com