Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS100MA103 Datasheet(PDF) 13 Page - Analog Technologies, Inc.

Part # ATLS100MA103
Description  Low Noise Constant Current Laser Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS100MA103 Datasheet(HTML) 13 Page - Analog Technologies, Inc.

Back Button ATLS100MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 10Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 11Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 12Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 13Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 14Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 15Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 3/7/2022
Email: staff@analogti.com/sales@analogti.com
13
Analog Technologies
ATLS100MA104
Low Noise Constant Current Laser Controller
Figure 20. Controller Internal Temperature vs. TMPO Voltage
MECHANICAL DIMENSIONS AND MOUNTING
The ATLS100MA104 comes in 2 packages: through hole
mount and surface mount. The former is often called DIP
(Dual Inline package) or D (short for DIP) package and has
a part number: ATLS100MA104D, and the latter is often
called SMT (Surface Mount Technology) or SMD (Surface
Mount Device) package and has a part number:
ATLS100MA104S. See below Figure 21 and 22.
Note: The surface mount version is not recommended
for new designs.
Figure 21. Dimensions of the DIP Package Controller
Figure 22. Dimensions of the SMT Package Controller
“Tent” (i.e. cover the entire via by the solder mask layer)
all the vias under the controller, otherwise, the vias can be
shorted by the bottom plate of the controller which is
internally connected the ground.
Please notice that, in the recommended foot print for the
DIP package, the holes for pin 2 to 6, and 8 to 12 have
larger holes than needed for the pins. This arrangement
–50
–30
–10
10
30
50
70
90
110
130
150
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Voltage (V)
Temperature (°C)
Actual TMPO Voltage vs. Controller Temperature
A Linearized TMPO Voltage vs. Controller Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com