Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS1A103DEV1.0 Datasheet(PDF) 10 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Constant Current Laser Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 10 Page - Analog Technologies, Inc.

Back Button ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 10Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 11Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 12Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
10
Analog Technologies
ATLS100MA103
Low Noise Constant Current Laser Controller
Figure 18. VLDA vs. Output Current Noise@0.1Hz~10Hz
MECHANICAL DIMENSIONS AND MOUNTING
The ATLS100MA103 comes in 2 packages: through hole
mount and surface mount. The former is often called DIP
(Dual Inline package) or D (short for DIP) package and has a
part number: ATLS100MA103D, and the latter is often called
SMT (Surface Mount Technology) or SMD (Surface Mount
Device) package and has a part number: ATLS100MA103S.
See below Figure 19 and 20.
Figure 19. Dimensions of the DIP Package Controller
Figure 20. Dimensions of the SMT Package Controller
Figure 21 shows the foot print which is seen from the top side
of the PCB, therefore, it is a “see through” view.
Figure 22 shows the view of the bottom side PCB foot-print.
“Tent” (i.e. cover the entire via by the solder mask layer) all
the vias under the controller, otherwise, the vias can be
shorted by the bottom plate of the controller which is
internally connected the ground.
Please notice that, in the recommended foot print for the DIP
package, the holes for pin 2 to 6, and 8 to 12 have larger holes
than needed for the pins. This arrangement will make it easier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com