Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0702-R Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0702-R
Description  GaAs SP2T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0702-R Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0702-R Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.xx = .02
.xxx = .010
•
•
4
-5V
A
5
0V
B
278
6
1
GND
••
RF2
3
RF1
RF IN
Switching Table
A
B
Function
0V
-5V
RF IN-RF2
-5V
0V
RF IN-RF1
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
DC
2000
MHz
Control Voltage
See Table
Insertion Loss
0.5
0.8
dB
DC - 1000 MHz
0.6
0.9
dB
1000 - 2000 MHz
Isolation
30
35
dB
DC - 1000 MHz
21
25
dB
1000 - 2000 MHz
VSWR
Input
1.1/1
1.2/1
Impedance
50
OHMS
Transition (Rise/Fall) Time
3
nSEC
Intercept Points
3rd
46
dBm
RF Power
Operate
+27
+23
dBm
1.0 dB Comp. Above 100 MHz
Operating Temperature
-55
+25
+85
°CTA
Note: A/C Couple Capacitors may be required for your Application
GUARANTEED PERFORMANCE
TYPICAL PERFORMANCE
at 25 °C
10
80
2.0
1.8
60
40
20
0.5
1.5
1.6
1.4
1.2
1.0
0
0
1.0
3000
1000
400
100
40
VSWR
I. LOSS
ISO
MODEL NO.
DS0702-R
GaAs SP2T
FEATURES
DC - 2000 MHz
Reflective
0.6 dB I.L., 25 dB Iso.
8 Pin Surface Mount Package
Very Low Cost
SP2T
D AICO
I ndustries
PART
.197
1
0.069
IDENTIFICATION
234
5
6
7
8
.016
.205
.244
.157
.050
.007
GAP
.005
Pin 1
Iss. 2
FREQUENCY (MHz)


Similar Part No. - DS0702-R

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0702-T DAICO-DS0702-T Datasheet
42Kb / 1P
GaAs SP2T
More results

Similar Description - DS0702-R

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0842 DAICO-DS0842 Datasheet
46Kb / 1P
GaAs SP2T
DS0813-T DAICO-DS0813-T Datasheet
43Kb / 1P
GaAs SP2T
CDS0882 DAICO-CDS0882 Datasheet
45Kb / 1P
GaAs SP2T
DS0602 DAICO-DS0602 Datasheet
180Kb / 1P
GaAs SP2T
DS0632 DAICO-DS0632 Datasheet
151Kb / 1P
GaAs SP2T
DS0712 DAICO-DS0712 Datasheet
158Kb / 1P
GaAs SP2T
DS0812 DAICO-DS0812 Datasheet
144Kb / 1P
GaAs SP2T
DS0850-T DAICO-DS0850-T Datasheet
144Kb / 1P
GaAs SP2T
DSW22023 DAICO-DSW22023 Datasheet
155Kb / 1P
GaAs SP2T
DSW28000 DAICO-DSW28000 Datasheet
173Kb / 1P
GaAs SP2T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com