Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS1A103DEV1.0 Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATLS1A103DEV1.0
Description  Low Noise Constant Current Laser Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS1A103DEV1.0 Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATLS1A103DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS1A103DEV1.0 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS250MA103
Low Noise Constant Current Laser Controller
4
LILM
Analog input
Laser current limit set. 0V to 2.5V sets the laser current limit from 0 to 275mA linearly.
5
LIS
Analog input
Laser current set. 0V to 2.5V sets the laser current from 0 to 250mA linearly.
6
LIO
Analog output
Laser current output indication. 0V to 2.5V indicates the laser current from 0A to
250mA linearly.
7
LPGD
Digital output
Loop good indication. When the controller is working properly, this pin is pulled high.
Otherwise, it is pulled low.
8
TMPO
Analog output
The driver internal temperature indication output. Operating internally temperature.
9
LDA
Analog output
Laser diode anode. Connect it to the anode of the laser diode. This pin is used to drive a
laser of which the cathode is connected to the case and the case is connected to the
ground. Make sure VLDA>0.8V. See below Figure 4.1, 4.2.
10
LDC
Analog output
Laser diode cathode. Connect it to the cathode of the laser diode. See below Figure 4.1,
4.2.
11
PGND
Power ground
Power ground pin. Connect it directly to power supply return rail.
12
VPS
Power input
Power supply. The driver works from 3.8V to 5.5V.
SPECIFICATIONS
Table 2 Characteristics (Tambient = 25
°C)
Parameter
Value
Unit/
Note
Maximum output current
250
mA
Output current noise
(0.1Hz to 10Hz)
≤2.5
µAP-P
Current set voltage range
0 ~ 2.5
V
Current limit set voltage range
0 ~ 2.5
V
Minimum drop out voltage
0.49V@VVPS=3.1V
V
0.5V@ VVPS =5.5V
Power supply voltage range
3.8 ~ 5.5
V
Operating case temperature
−40 ~ 125
°C
Bandwidth of large signal
1
MHz
Bandwidth of small signal
1.2
MHz
Rise and fall times of small signal
300
nS
Rise and fall times of large signal
170
nS
OPERATION PRINCIPLE
The block diagram of the controller is shown in Figure 3.
The shut down control circuit is activated under one of these
3 circumstances: external shut down, output current exceeds
the current limit, and the internal temperature exceeds
120
°C.
When the controller is shut down by the external shutdown
signal, it will restart upon detecting the releasing of the
shutdown signal.
When it is shut down by the over current limit, the controller
shuts down itself and restarts again by going through the
soft-start process immediately. Therefore, the output current
has a saw-tooth waveform: quick shut down, slow and ramp
up.
When the controller is shut down by the over temperature, it
will wait till the temperature goes below the temperature limit,
120
°C. Usually it takes a few or tens of seconds for the
controller to cool down before it restarts itself, depending on
the thermal mass of the controller and its surrounding
mechanical parts attached thermally, such as the PCB and its
traces, the heat-sinks if any, etc.
When controller is shut down, the voltage reference is also shut
down.
TMPO
Laser
Diode
8
10
5
LDC
LIS
Shut-
down
& soft-
start
circuit
Current
sensor &
low noise
driver
Voltage
reference
12
3
2
1
LISL
GND
SDN
10pF
100K
Ω
VPS
11
PGND
4
6
LIO
LILM
LPGD
7
Temp.
sensor
9
LDA
Current
limiter
Figure 3. Block Diagram
Note: The Pin 7, LPGD, is pulled down by an open drain
MOSFET and pulled up by a 5k resistor tied to VPS rail.
2.5VR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com