Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSE61-RK Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BSE61-RK
Description  Mechanical Cam Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSE61-RK Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BSE61-RK Datasheet HTML 1Page - Balluff Korea Ltd. BSE61-RK Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Cam Switches
BSE 61-RK
Order Code: BSE0009
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-92
Subject to change without notice: 145365
ETIM 6.0: EC000030
BSE0009_1_2022-05-17
2 / 2
RGT 62
RGT 72
Electrical connection
Connection
M3
Connection type
1. Switch position: Screw terminal
Contact system
Double-interrupting
NC forced-opening per VDE
Electrical data
Contact arrangement
NC: 21+22
Contact resistance max.
40 mOhm
Contact resistance max., note
New condition
Continuous current
1. Switch position: 6.0 A
Mechanical life expectancy min.
30 mil. switching operations
Minimum load at 24 V DC
20 mA
Nominal voltage
250 VAC
Switching operations per minute
300
Switching principle
Creep circuit
Environmental conditions
Ambient temperature
-5...85 °C
Material
Cover material
Thermoplast
Housing material
Thermoplast, GF
Material contacts
Silver
Material contacts
1. Switch position: Silver
Mechanical data
Connection cross-section
1.5 mm²
Switching actuation force min.
3.00 N
Tightening torque max.
120 Ncm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com