Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSE67-RK Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BSE67-RK
Description  Mechanical Cam Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSE67-RK Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BSE67-RK Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical Cam Switches
BSE 67-RK
Order Code: BSE000E
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-92
Subject to change without notice: 228145
ETIM 6.0: EC000030
BSE000E_1.2_2022-05-17
1 / 1
Basic features
Approval/Conformity
CE
CCC
EAC
WEEE
Use with series
BSW 819-494
Electrical connection
Connection
M3.5
Connection type
1. Switch position: Screw terminal
Contact system
Single-pin changeover
Electrical data
Contact arrangement
NC: C+NC
NO: C+NO
Contact resistance max.
20 mOhm
Contact resistance max., note
New condition
Continuous current
1. Switch position: 6.0 A
Mechanical life expectancy min.
30 mil. switching operations
Minimum load at 24 V DC
20 mA
Nominal voltage
500 VAC
Switching actuation force max.
3.60 N
Switching capacity at 220 V DC
0.25 A, L/R = 200ms
Switching capacity at 250 V AC
40...60Hz
15 A cos φ = 0.8
Switching capacity at 480 V AC
40...60Hz
15 A cos φ = 1
Switching operations per minute
300
Switching principle
Snap switch
Environmental conditions
Ambient temperature
-5...80 °C
Material
Material contacts
Silver
Material contacts
1. Switch position: Silver
Mechanical data
Connection cross-section
1.5 mm²
Switching actuation force min.
2.00 N
Tightening torque max.
120 Ncm


Similar Part No. - BSE67-RK

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BSE61-RK BALLUFF-BSE61-RK Datasheet
93Kb / 2P
Mechanical Cam Switches
1_2022-05-17
More results

Similar Description - BSE67-RK

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS000A BALLUFF-BNS000A Datasheet
105Kb / 2P
Mechanical Cam Switches
0.116_2022-06-11
BNS000C BALLUFF-BNS000C Datasheet
125Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS004Y BALLUFF-BNS004Y Datasheet
103Kb / 2P
Mechanical Cam Switches
0.114_2022-06-11
BNS04LT BALLUFF-BNS04LT Datasheet
121Kb / 2P
Mechanical Cam Switches
2_2022-05-17
BNS04WR BALLUFF-BNS04WR Datasheet
233Kb / 2P
Mechanical Cam Switches
1.2_2022-05-1
BNS0019 BALLUFF-BNS0019 Datasheet
111Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS009J BALLUFF-BNS009J Datasheet
119Kb / 2P
Mechanical Cam Switches
4_2022-05-17
BNS009M BALLUFF-BNS009M Datasheet
129Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS0469 BALLUFF-BNS0469 Datasheet
111Kb / 2P
Mechanical Cam Switches
2.2_2022-05-17
BNS0482 BALLUFF-BNS0482 Datasheet
117Kb / 2P
Mechanical Cam Switches
1_2022-05-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com