Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS500MA201D Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # ATLS500MA201D
Description  Constant Current Laser Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS500MA201D Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  ATLS500MA201D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS500MA201D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS500MA201D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS500MA201D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS500MA201D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS500MA201D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS500MA201D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS500MA201D Datasheet HTML 8Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
ATLS500MA201D
Constant Current Laser Driver
Figure 4.1 and 4.2 shows a typical stand-alone application
circuit.
In Figure 4.1, the switch S1 is external shut down switch,
which can turn on and off the driver with the SDN pin high
and lower respectively, at the internal chip control
input: >1.4V = enable, <0.95V = shut down, normal
threshold voltage = 1.2V. The switch S1 can also be an
electronic switch, such as an I/O pin of a micro-driver, with
an either open drain or push/pull output. See Figure 5. If not
using a switch (S1) to control the laser, leave the SDN pin
unconnected.
In Figure 4.1, the LED D1 is used to indicating laser diode
status. When LDGD pin is high, >2V, the laser diode control
loop is working properly. When LDGD pin is low, <0.3V, the
laser diode is bad, or there is a short or open circuit at the laser
diode. The LDGD pin can also be connected to a digital input
pin of a micro-driver, when software/firmware is utilized in the
system. See Figure 5.
Figure 5 shows a typical micro-processor-based application
circuit.
To ADC & DAC
To ADC
To ADC
To micro-controller
To signal GND
To power GND
+5V
LIO
6
VPS 12
PGND 10
LIGD 8
LDA
9
GND
3
2.5VR
4
LIS
5
PGND
11
GND
7
LDGD
2
SDN
1
Laser Driver
To DAC
To signal GND
To micro-controller
A
K
Laser diode
D2
Figure 5. A Typical Micro-processor-based Application
In Figure 4.1, the adjustable resistor W1 is used to setting the
output current. Setting LIS from 0V to 2.5V will set the laser
current from 0A to 500mA linearly.
The laser diode D2 is connected between LDA and LDC. It is
worth mentioning that the power supply return terminal
should be connected to the pin 11 PGND and the cathode of
the laser diode should be connected to the pin 10 LDC. These
2 nodes should not be connected together externally and they
are connected together internally already by the driver.
Turning the Driver On and Off
The driver can be turned on and off by setting the SDN pin
high and lower respectively. It is recommended to turn the
driver on by this sequence:
To turn on: turn on the power by providing the power supply
voltage to the driver, turn on the driver by releasing the SDN
pin.
To turn off: turn off the driver by lowering the voltage of
SDN pin, turn off the power by stopping the voltage supply
on the VPS pin.
When not controlling by the SDN pin: leave it unconnected
and turn on and off the driver by the power supply.
Adjusting the Output Current
The output current is set by adjusting W1, which sets input
voltages of LIS, pin 5. See Figure 4.1. The output current will
be:
IOUT (A) = 0.5 (A)
× VLIS (V) /2.5 (V).
LIS can be configured by using a DAC, to replace the W1 in
Figure 4.1. Make sure that the DAC has output low noise, or,
if no modulation is needed, an RC low pass filtered by be
inserted between the DAC and the LIS pin. See Figure 5.
The LIO can still be used to monitor the output current when
the LIS is adjusted. 0V to 2.5V indicates the laser current of
from 0A to 500mA linearly.
Monitoring the Output Current
The output current of the driver can be monitored by
measuring the voltage on the LIO pin. This feature is very
useful for micro-driver based system where the ADC is
available and monitoring the current in real time is required.
This pin provides a very low noise voltage signal which is
proportional to the output current:
VLIO (V) = 2.5 (V)
× IOUT (A)/0.5 (A).
For example, when the output signal equals to 2.5V, the
output current is 500mA.
LIO can be used to drive an ADC directly, and also be
measured by a multimeter during debugging process.
Figure 6 shows the relationship between Pin VPS and LDA.
LDC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com