Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

159259 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 159259
Description  Pressure switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

159259 Datasheet(HTML) 1 Page - Festo Corporation.

  159259 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure switch
PEV-1/4-A-SW27
Part number: 159259
Data sheet
Feature
Value
Symbol
00991472
CE marking (see declaration of conformity)
As per EU low voltage directive
Measured variable
Relative pressure
Method of measurement
Pneumatic/electric pressure transducer
Pressure measuring range
1 bar ... 10 bar
Operating pressure
1 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-20 °C ... 80 °C
Ambient temperature
-20 °C ... 100 °C
Switching element function
Changeover switch
Max. switching frequency
3 Hz
Max. switching output voltage AC
250 V
Max. switching output voltage DC
250 V
Max. output current
4000 mA
DC operating voltage range
12 V ... 250 V
Electrical connection
4-pin
Plug
Type of mounting
Screw-in
Mounting position
Any
Pneumatic connection
G1/4
Product weight
138 g
Housing material
Steel, galvanized
Diaphragm material
NBR
Setting range threshold value
1 bar ... 10 bar
Degree of protection
IP65
7/13/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 159259

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1592500 PHOENIX-1592500 Datasheet
60Kb / 3P
Device connector, rear mounting - PV-14P1N12HG00
More results

Similar Description - 159259

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS8 COPAL-PS8 Datasheet
146Kb / 3P
Pressure Switch
logo
Festo Corporation.
8000033 FESTO-8000033 Datasheet
99Kb / 1P
Pressure switch
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
10773 FESTO-10773 Datasheet
81Kb / 2P
Pressure switch
7/13/22
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
152618 FESTO-152618 Datasheet
93Kb / 1P
Pressure switch
7/13/22
161760 FESTO-161760 Datasheet
93Kb / 2P
Pressure switch
7/13/22
175250 FESTO-175250 Datasheet
88Kb / 2P
Pressure switch
7/13/22
175252 FESTO-175252 Datasheet
91Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com