Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

537688 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 537688
Description  Diffuse scan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

537688 Datasheet(HTML) 1 Page - Festo Corporation.

  537688 Datasheet HTML 1Page - Festo Corporation. 537688 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Diffuse scan
SOEG-RTH-M18W-PS-K-2L
Part number: 537688
Data sheet
Feature
Value
Design
Round
Conforms to standard
EN 60947-5-2
Symbol
00991638
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Note on materials
Free of copper and PTFE
Measured variable
Position
Measuring principle
Optoelectronic
Method of measurement
Diffuse sensor with background suppression
Type of light
Red
Working range
10 mm ... 120 mm
Ambient temperature
-25 °C ... 55 °C
Switching output
PNP
Switching element function
Bright-switching
Max. switching frequency
500 Hz
Max. output current
200 mA
Voltage drop
≤2 V
Short-circuit protection
Pulsed
DC operating voltage range
10 V ... 36 V
Residual ripple
20 %
Idle current
25 mA
Reverse polarity protection
for all electrical connections
Electrical connection
3-wire
Cable
Cable length
2.5 m
Material of cable sheath
TPE-U(PUR)
Size
M18x1
Type of mounting
With lock nut
Tightening torque
20 Nm
Product weight
124 g
Housing material
Brass
Chrome-plated
Material of union nut
Brass
Chrome-plated
Switching status indication
LED yellow
Function reserve indication
LED green
7/13/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 537688

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537683 FESTO-537683 Datasheet
90Kb / 2P
Retro-reflective sensor
7/13/22
537684 FESTO-537684 Datasheet
105Kb / 2P
Retro-reflective sensor
7/13/22
537685 FESTO-537685 Datasheet
90Kb / 2P
Retro-reflective sensor
7/13/22
537686 FESTO-537686 Datasheet
105Kb / 2P
Retro-reflective sensor
7/13/22
537687 FESTO-537687 Datasheet
91Kb / 2P
Diffuse scan
7/13/22
More results

Similar Description - 537688

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8075653 FESTO-8075653 Datasheet
82Kb / 2P
Diffuse scan
8075655 FESTO-8075655 Datasheet
83Kb / 2P
Diffuse scan
8075660 FESTO-8075660 Datasheet
82Kb / 2P
Diffuse scan
8075664 FESTO-8075664 Datasheet
94Kb / 2P
Diffuse scan
537690 FESTO-537690 Datasheet
106Kb / 2P
Diffuse scan
7/13/22
537707 FESTO-537707 Datasheet
110Kb / 2P
Diffuse scan
7/13/22
537717 FESTO-537717 Datasheet
103Kb / 2P
Diffuse scan
7/13/22
537718 FESTO-537718 Datasheet
105Kb / 2P
Diffuse scan
7/13/22
547911 FESTO-547911 Datasheet
121Kb / 2P
Diffuse scan
7/13/22
547912 FESTO-547912 Datasheet
114Kb / 2P
Diffuse scan
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com