Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1AM1 Datasheet(PDF) 1 Page - Schneider Electric

Part # GS1AM1
Description  Auxiliary contacts, TeSys GS, 1 C/O, early break, front mounting, for GS1 50-400 A with direct right handle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS1AM1 Datasheet(HTML) 1 Page - Schneider Electric

  GS1AM1 Datasheet HTML 1Page - Schneider Electric GS1AM1 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Auxiliary contacts, TeSys GS, 1
C/O, early break, front mounting,
for GS1 50-400 A with direct right
handle
GS1AM1
Price* : 106.00 USD
Main
Range of Product
TeSys
Device short name
GS1AM
Product or Component Type
Auxiliary contact
Contact application
O and I position signalling
Range compatibility
TeSys GS GS1 F fuse-switch disconnector
TeSys GS GS1G fuse-switch disconnector
TeSys GS GS1 J fuse-switch disconnector
TeSys GS GS1 K fuse-switch disconnector
TeSys GS GS1 L fuse-switch disconnector
TeSys GS GS1 N fuse-switch disconnector
TeSys GS GS1Q fuse-switch disconnector
Contacts type and composition
1 C/O
Contact operation
Early-break
[Ith] conventional free air
thermal current
16 A 104 °F (40 °C)
[Ie] rated operational current
5 A 127 V AC-15
4 A 230 V AC-15
3 A 400/415 V AC-15
2 A 440 V AC-15
12 A 24 V DC-13
2 A 48 V DC-13
0.6 A 110 V DC-13
0.4 A 220 V DC-13
Complementary
Mechanical durability
1 Mcycles
Electrical durability
30000 cycles AC-15
Switch rated current
50 A
63 A
100 A
125 A
160 A
200 A
250 A
315 A
400 A
Fuse type
NFC
DIN
BS
Type of operating handle
Direct right side
Mounting Location
Front face
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 30, 2022
1


Similar Part No. - GS1AM1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS1AM1 SCHNEIDER-GS1AM1 Datasheet
122Kb / 2P
Auxiliary contacts, TeSys GS, 1 C/O, early break, front mounting, for GS1 50-400 A with direct right handle
Jul 19, 2021
GS1AM101 SCHNEIDER-GS1AM101 Datasheet
111Kb / 2P
Auxiliary contacts, TeSys GS, 1 NC, early break, front mounting, for GS2 with front/side handle
Jul 19, 2021
GS1AM101 SCHNEIDER-GS1AM101 Datasheet
124Kb / 2P
Auxiliary contacts, TeSys GS, 1 NC, early break, front mounting, for GS2 with front/side handle
Jun 30, 2022
GS1AM101 SCHNEIDER-GS1AM101_V01 Datasheet
124Kb / 2P
Auxiliary contacts, TeSys GS, 1 NC, early break, front mounting, for GS2 with front/side handle
Jun 30, 2022
GS1AM110 SCHNEIDER-GS1AM110 Datasheet
113Kb / 3P
Auxiliary contacts, TeSys GS, 1 NO, early break, front mounting, for GS2 with front/side handle
Jul 19, 2021
More results

Similar Description - GS1AM1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS1AN22 SCHNEIDER-GS1AN22 Datasheet
135Kb / 2P
Auxiliary contacts, TeSys GS, 2NC 2NO, instantaneous, left side mounting, for GS1-GS2 with front/right handle
Jul 19, 2021
GS1AN11 SCHNEIDER-GS1AN11 Datasheet
111Kb / 2P
Auxiliary contacts, TeSys GS, 1NC 1NO, instantaneous, left side mounting, for GS1-GS2 with front/right handle
Jul 19, 2021
GS1AM110 SCHNEIDER-GS1AM110 Datasheet
113Kb / 3P
Auxiliary contacts, TeSys GS, 1 NO, early break, front mounting, for GS2 with front/side handle
Jul 19, 2021
GS1AM101 SCHNEIDER-GS1AM101 Datasheet
111Kb / 2P
Auxiliary contacts, TeSys GS, 1 NC, early break, front mounting, for GS2 with front/side handle
Jul 19, 2021
GS1AM1 SCHNEIDER-GS1AM1 Datasheet
122Kb / 2P
Auxiliary contacts, TeSys GS, 1 C/O, early break, front mounting, for GS1 50-400 A with direct right handle
Jul 19, 2021
GS1AH02 SCHNEIDER-GS1AH02 Datasheet
93Kb / 2P
Direct rotary handle, TeSys GS, black handle, right side mounting, 2 positions I-O, for GS 100-400A IEC
Jul 19, 2021
GS1AH01 SCHNEIDER-GS1AH01 Datasheet
96Kb / 2P
Direct rotary handle, TeSys GS, black handle, right side mounting, 2 positions I-O, for GS 50-63A IEC
Jul 19, 2021
GS1AM101 SCHNEIDER-GS1AM101_V01 Datasheet
124Kb / 2P
Auxiliary contacts, TeSys GS, 1 NC, early break, front mounting, for GS2 with front/side handle
Jun 30, 2022
GS1AN11 SCHNEIDER-GS1AN11_V01 Datasheet
123Kb / 2P
Auxiliary contacts, TeSys GS, 1NC 1NO, instantaneous, left side mounting, for GS1-GS2 with front/ right handle
Jun 30, 2022
GS1AN22 SCHNEIDER-GS1AN22_V01 Datasheet
147Kb / 2P
Auxiliary contacts, TeSys GS, 2NC 2NO, instantaneous, left side mounting, for GS1-GS2 with front/ right handle
Jun 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com