Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1FD3 Datasheet(PDF) 1 Page - Schneider Electric

Part # GS1FD3
Description  TeSys GS - switch-disconnector fuse - 3 P - 50 A - NFC 14 x 51 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS1FD3 Datasheet(HTML) 1 Page - Schneider Electric

  GS1FD3 Datasheet HTML 1Page - Schneider Electric GS1FD3 Datasheet HTML 2Page - Schneider Electric GS1FD3 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys GS - switch-disconnector
fuse - 3 P - 50 A - NFC 14 x 51 mm
GS1FD3
Product availability : Stock - Normally stocked in distribution
facility
Price* : 726.00 USD
Main
Range
TeSys
Product name
TeSys GS
Device short name
GS1 F
Product or Component Type
Switch-disconnector-fuse
Device Application
Protection
Poles description
3P
Protected poles description
3t
Contacts type and composition
3 NO
[Ith] conventional free air
thermal current
50 A 104 °F (40 °C)
[Ie] rated operational current
40 A 440 V 2 poles in series per phase DC-23A
40 A 440 V 2 poles in series per phase DC-23B
50 A 400 V AC-23A
50 A 400 V AC-23B
50 A 500 V AC-23A
50 A 500 V AC-23B
50 A 690 V AC-23A
50 A 690 V AC-23B
Fuse type
NFC
Fuse size
14 x 51 mm
Network type
DC
AC
Network Frequency
50/60 Hz
Complementary
Type of operating handle
Direct right side
Mounting Support
Plate
[Ui] rated insulation voltage
750 V AC 50/60 Hz
[Uimp] rated impulse withstand
voltage
8 kV
Rated operational power in W
25 kW 400 V
33 kW 500 V
45 kW 690 V
Making capacity
500 A 400 V AC-23B
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 30, 2022
1


Similar Part No. - GS1FD3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS1FD3 SCHNEIDER-GS1FD3 Datasheet
196Kb / 3P
TeSys GS - switch-disconnector fuse - 3 P - 50 A - NFC 14 x 51 mm
Jul 19, 2021
More results

Similar Description - GS1FD3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GK1EM SCHNEIDER-GK1EM Datasheet
140Kb / 2P
TeSys fuse-disconnector - 4P - 50A - fuse size 14 x 51 mm
Jul 12, 2021
GK1EK SCHNEIDER-GK1EK Datasheet
155Kb / 2P
TeSys fuse-disconnector - 3P - 50A - fuse size 14 x 51 mm
Jul 12, 2021
GS2QU3N SCHNEIDER-GS2QU3N Datasheet
132Kb / 2P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 400 A- fuse size J
Jul 18, 2021
GS1FD3 SCHNEIDER-GS1FD3 Datasheet
196Kb / 3P
TeSys GS - switch-disconnector fuse - 3 P - 50 A - NFC 14 x 51 mm
Jul 19, 2021
GS1DD4 SCHNEIDER-GS1DD4 Datasheet
145Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P N - 32 A - NFC 10 x 38 mm
Jul 19, 2021
GS1DD3 SCHNEIDER-GS1DD3 Datasheet
172Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P - 32 A - NFC 10 x 38 mm
Jul 18, 2021
GK1EK SCHNEIDER-GK1EK_V01 Datasheet
167Kb / 2P
TeSys fuse-disconnector - 3P - 50A - fuse size 14 x 51 mm
Jun 2, 2022
GK1EM SCHNEIDER-GK1EM_V01 Datasheet
152Kb / 2P
TeSys fuse-disconnector - 4P - 50A - fuse size 14 x 51 mm
Jun 2, 2022
GS2QU3N SCHNEIDER-GS2QU3N_V01 Datasheet
146Kb / 3P
TeSys GS - switch-disconnector-fuse - - 3 P - UL - 400 A- fuse size J
Jun 30, 2022
GS2SU3 SCHNEIDER-GS2SU3_V01 Datasheet
190Kb / 2P
TeSys GS - switch-disconnector - fuse - 3 P - UL - 600 A- fuse size J
Jun 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com