Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSOT03 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GSOT03
Description  Single-Line ESD Protection in SOT-23
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT03 Datasheet(HTML) 4 Page - Vishay Siliconix

  GSOT03 Datasheet HTML 1Page - Vishay Siliconix GSOT03 Datasheet HTML 2Page - Vishay Siliconix GSOT03 Datasheet HTML 3Page - Vishay Siliconix GSOT03 Datasheet HTML 4Page - Vishay Siliconix GSOT03 Datasheet HTML 5Page - Vishay Siliconix GSOT03 Datasheet HTML 6Page - Vishay Siliconix GSOT03 Datasheet HTML 7Page - Vishay Siliconix GSOT03 Datasheet HTML 8Page - Vishay Siliconix GSOT03 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GSOT03 to GSOT36
www.vishay.com
Vishay Semiconductors
Rev. 2.8, 17-Apr-2019
4
Document Number: 85807
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BiAs-MODE (1-line Bidirectional Asymmetrical protection mode)
With the GSOTxx one signal- or data-lines (L1) can be protected against voltage transients. With pin 1 connected to ground and
pin 3 connected to a signal- or data-line which has to be protected. As long as the voltage level on the data- or signal-line is
between 0 V (ground level) and the specified maximum reverse working voltage (VRWM) the protection diode between pin 1 and
pin 3 offers a high isolation to the ground line. The protection device behaves like an open switch.
As soon as any positive transient voltage signal exceeds the breakdown voltage level of the protection diode, the diode
becomes conductive and shorts the transient current to ground. Now the protection device behaves like a closed switch. The
clamping voltage (VC) is defined by the breakdown voltage (VBR) level plus the voltage drop at the series impedance (resistance
and inductance) of the protection diode.
Any negative transient signal will be clamped accordingly. The negative transient current is flowing in the forward direction
through the protection diode. The low forward voltage (VF) clamps the negative transient close to the ground level.
Due to the different clamping levels in forward and reverse direction the GSOTxx clamping behavior is Bidirectional and
Asymmetrical (BiAs).
ELECTRICAL CHARACTERISTICS GSOT03 (Tamb = 25 °C unless otherwise specified) 
between pin 3 and pin 1
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
3.3
V
Reverse voltage
at IR = 100 μA
VR
3.3
-
-
V
Reverse current
at VR = 3.3 V
IR
-
-
100
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
44.6
5.5
V
Reverse clamping voltage
at IPP = 1 A
VC
-5.7
7.5
V
at IPP = IPPM = 30 A
-
10
12.3
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 30 A
-
4.5
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
420
600
pF
at VR = 1.6 V; f = 1 MHz
-
260
-
pF
ELECTRICAL CHARACTERISTICS GSOT04 (Tamb = 25 °C unless otherwise specified) 
between pin 3 and pin 1
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
4
V
Reverse voltage
at IR = 20 μA
VR
4-
-
V
Reverse current
at VR = 4 V
IR
--
20
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
56.1
7
V
Reverse clamping voltage
at IPP = 1 A
VC
-7.5
9
V
at IPP = IPPM = 30 A
-
11.2
14.3
V
Forward clamping voltage
at IPP = 1 A
VF
-1
1.2
V
at IPP = IPPM = 30 A
-
4.5
-
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-
310
450
pF
at VR = 2 V; f = 1 MHz
-
200
-
pF
20422
L1
1
2
3
Ground
BiAs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com