Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSWM5077 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DSWM5077
Description  Diode SP11T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DSWM5077 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DSWM5077 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF10
RF11
-5V
RF COM
GND
GND
20
19
35
2
1
18
RF9
17
RF8
16
RF7
15
RF6
14
RF5
13
RF4
12
RF3
+5V
4
RF1
10
11
RF2
C1
C3
6
C2
78
C0
9
TTL BCD
"0"
"0"
"0"
"0"
DECODER
•
•
•••••••
•
•
COLOR BEAD
CONTRASTING
IDENTIFICATION
PART
1
20 PLACES
.015
±.002 DIA
18
19
20
10
11
12
23 4
5
6 7 8 9
17
16
15
14
13
0
0
0.79
1.36
.195
.395
.595
.395
.195
.595
RF9
RF10
RF11
RF8
RF7
RF6
RF5
RF4
RF3
RF2
RF1
COM
RF
LOGIC TABLE
C3
C2
C1
C0
RF COMMON TO
0
0
0
0
RF1
0
0
0
1
RF2
0
0
1
0
RF3
0
0
1
1
RF4
0
1
0
0
RF5
0
1
0
1
RF6
0
1
1
0
RF7
0
1
1
1
RF8
1
0
0
0
RF9
1
0
0
1
RF10
1
0
1
0
RF11
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
0.500
6
GHz
DC Current
87
100
mA
At +5 VDC Supply
30
35
mA
At -5 VDC Supply
Control Type
TTL
4 Line
See Table
Control Current
High
±10 µA
VIH = +2.7 V
Low
±10 µA
VIL = +0.5 V
Isolation
30
34
dB
Insertion Loss
3.5
4.5
dB
VSWR
Thru
1.5/1
2.0/1
Impedance
50
OHMS
Switching Speed
300
400
nSEC
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
nSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
mV
Peak Value
Intercept Points
2nd
dBm
3rd
dBm
RF Power
Operate
+10
+7
dBm
(0.1 dB Compression)
No Damage
+23
dBm
Operating Temperature
-55
+25
+125
°CTA
GUARANTEED PERFORMANCE
MODEL NO.
DSWM5077
Diode SP11T
FEATURES
0.5 - 6 GHz
400 nSec Switching Speed
Surface Mount
SP11T
D A ICO
I ndustries
Rev. N/D / Iss. 1
TYP
.110
.065
.20


Similar Part No. - DSWM5077

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSWM6309 DAICO-DSWM6309 Datasheet
33Kb / 1P
Switch Network
DSWM9040 DAICO-DSWM9040 Datasheet
32Kb / 1P
PIN Diode Switch SP40T
DSWM9073 DAICO-DSWM9073 Datasheet
30Kb / 1P
Switch Assembly, RF 8 Channel
More results

Similar Description - DSWM5077

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com