Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSWM9040 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DSWM9040
Description  PIN Diode Switch SP40T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DSWM9040 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DSWM9040 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
D S W M9040
PIN Diode Switch SP40T
FEATURES
350 - 450 MHz
1.7 dB Insertion Loss
55 dB Isolation
6 Line Encoded TTL Control
Constant Phase
Bite Circuitry
SMA Connectors
HDI
D A ICO
I ndustries
Rev. N/D / Iss. 1
80
4.0
1.8
60
40
20
1.0
2.0
3.0
1.6
1.4
1.2
1.0
0
0
TYPICAL PERFORMANCE
at 25
°C
I. LOSS
VSWR
ISO
FREQUENCY (MHz)
100
400
1000
4.00
SMA FEMALE
41 PLACES
CONNECTOR
15 PIN M24308/3-2F
J42
J41
1
3.12
4.25
.56
8.250
2.750
.25
.218 DIA 6 HOLES
8.75
7.50
.50
.25
1.150
2.600
3.750
IDENT
SURFACE
J31 J32 J33-ROW 4
J21 J22 J23-ROW 3
J11 J12 J13-ROW 2
J1
J2
J3-ROW 1
J10
J9
J8
J20
J19
J18
J30
J29
J28
J40
J39
J38
3.70
±.06
.19
ROW 1
ROW 2
ROW 3
ROW 4
PERMANENT INK MARKING TYP, J1 - J42
DECODER LOGIC
123456
“0” “0” “0” “0” “0” “0”
123456
CONTROL
J42 PIN
J7 - J10, 12, 14, = SPARE
13
15
J41
0
“0”
BITE
OUTPUT
11
J1
J2
J3
J38
J39
J40
50 OHMS
TYPICAL
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
350
450
MHz
DC Current
120
mA
At +5 VDC Supply
Control Type
TTL
6 Line, See Control Table
Bite Circuitry
TTL
Logic “1” = Failure
Output goes high within
1.5
µSec of Failure
Control Current
High
1
±10 µA
VIH = +2.7 V
Low
1
±10 µA
VIL = +0.5 V
Insertion Loss
1.7
3.0
dB
Insertion Loss Flatness
±0.5 dB
Insertion Loss Stability
0.3
dB
Over Temperature
Insertion Loss Matching
±0.3 dB
370 - 450 MHz
±0.5 dB
350 - 370 MHz
Insertion Phase Ripple
±2.0 DEG
From Linear
Insertion Phase Stability
±2.0 DEG
Over Temperature
Insertion Phase Matching
±0.5 DEG
370 - 450 MHz
±1.0 DEG
350 - 370 MHz
Isolation
45
55
dB
Between Outputs
VSWR
Thru
1.15
1.3/1
Termination
1.3/1
Impedance
50
OHMS
Switching Speed
45
µSec
50% TTL to 10% / 90% RF
Transition (Rise/Fall) Time
1.5
µSec
10% / 90% to 90% / 10% RF
RF Power
Operate
dBm
0.1 dB Compression
No Damage
+20
dBm
Operating Temperature
-15
+25
+70
°CTA
GUARANTEED PERFORMANCE


Similar Part No. - DSWM9040

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSWM9073 DAICO-DSWM9073 Datasheet
30Kb / 1P
Switch Assembly, RF 8 Channel
More results

Similar Description - DSWM9040

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1287 DAICO-100C1287 Datasheet
26Kb / 1P
PIN Diode Transfer Switch
100C1297 DAICO-100C1297 Datasheet
136Kb / 1P
PIN Diode Transfer Switch
DS0097 DAICO-DS0097 Datasheet
36Kb / 1P
PIN Diode Transfer Switch
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386D AVAGO-HSMP-386D Datasheet
549Kb / 7P
PIN Diode Diversity Switch
logo
M/A-COM Technology Solu...
MEST2G-020-15 MA-COM-MEST2G-020-15 Datasheet
835Kb / 5P
Pin Diode Switch Element
MEST2G-050-45 MA-COM-MEST2G-050-45 Datasheet
904Kb / 5P
Pin Diode Switch Element
MEST2G-150-10-CM30 MA-COM-MEST2G-150-10-CM30 Datasheet
850Kb / 5P
Pin Diode Switch Element
MEST2G-160-10-CM33 MA-COM-MEST2G-160-10-CM33 Datasheet
958Kb / 7P
Pin Diode Switch Element
logo
Broadcom Corporation.
HSMP-386D BOARDCOM-HSMP-386D Datasheet
503Kb / 7P
PIN Diode Diversity Switch
HSMP-389D BOARDCOM-HSMP-389D Datasheet
502Kb / 7P
PIN Diode Diversity Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com