Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSWM9073 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DSWM9073
Description  Switch Assembly, RF 8 Channel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DSWM9073 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DSWM9073 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
DSWM9073
FEATURES
1 - 1200 MHz
2 dB Insertion Loss
+80 dBm IP2
Amplitude/Phase Balanced
HDI
D A ICO
I ndustries
Rev. N/D / Iss. 1
Switch Assembly, RF 8 Channel
PI CHART
Pin No.
Function
Wire Type
1
Strobe 1
30 Awg, Blk
2
Strobe 2
30 Awg, Brn
3
Strobe 3
30 Awg, Red
4
Strobe 4
30 Awg, Orn
5
Strobe 5
30 Awg, Yel
6
Strobe 6
30 Awg, Grn
7
Strobe 7
30 Awg, Blu
8
Strobe 8
30 Awg, Vio
9
Port 2
0
30 Awg, Gry
10
Port 2
1
30 Awg, Wht
11
Port 2
2
30 Awg, Wht/Blk
12
N/C
13
N/C
14
N/C
15
+5V
26 Awg, Red
16
+5V
26 Awg, Wht/Red
17
-15V
26 Awg, Orn
18
+5V RET
26 Awg, Blk
19
+5V RET
26 Awg, Blk
20
-15V RET
26 Awg, Blk
PORT SELECT
Switch State
Port
S1 (J66 to J73)
S2
S3
2
2
2
1
2
0
J58 to J65
J10 to J17
J18 to J25
0
0
0
S3
J10 to J17
S1
0
0
1
J58 to J65
J2 to J9
J18 to J25
0
1
0
S3
J2 to J9
S1
0
1
1
J50 to J57
Not Sel.
Not Sel.
1
0
0
J26 to J33
Not Sel.
Not Sel.
1
0
1
J34 to J41
Not Sel.
Not Sel.
1
1
0
J42 to J49
Not Sel.
Not Sel.
1
1
1
WIRE PER MIL-W-22759/33
(SEE CHART FOR P1)
FROM BUNDLE WITH TIE CORD ONLY
1
11
10
20
13.50/12.50
P1
102387-4 (AMP)
WITH 17 CONTACTS
102548-3 (AMP)
.25
REF
1.81/1.79
HOUSING
COVER
1.82
REF
PROTECTIVE
SLEEVING
FLUSH
SURFACE
(MTG SURFACE)
VIEW A
J10
J18
J66
J58
J50
J17
J25
J73
J65
J57
.20 REF
.520
.710
.470
1.040
2.460
1/3.75
BUNDLE
OUTLET
2.30 REF
.40 REF
3.00
REF
.20 REF
7 EQUAL SPACES
AT .600 = 4.200
4.82/4.78
.180
.22 TYP, REF
4-40 UNC-2B
TOOLING HOLE,
16 PLACES, REF
OSP PLUG
J18-J25, J58-J73
SMA FEMALE J10-J17, J50-J57
A
J9
J8
J7
J6
J5
J4
J3
J2
J33
J41
J49
J26
J34
J42
.400
7 EQUAL SPACES
AT .600 = 4.200
1.500
3.00
.200
7 EQUAL SPACES
AT .600 = 4.200
.700
.180
.520
1.480
2.000
OPTIONAL,
6 INSERTS
.138-32 UNC-2B X
.25MIN. DEEP
THD, 24 INSERTS
ALL
CONNECTORS
SHALL BE
DESIGNATED
OSP PLUG
J2-J9, J26-J49


Similar Part No. - DSWM9073

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSWM9040 DAICO-DSWM9040 Datasheet
32Kb / 1P
PIN Diode Switch SP40T
More results

Similar Description - DSWM9073

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2225 SPECTRUM-TWP2225 Datasheet
54Kb / 1P
RF SWITCH
logo
Lucky Light Electronic
PE4239 LUCKY-LIGHT-PE4239_15 Datasheet
287Kb / 9P
RF Switch
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
RF Switch
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430_15 Datasheet
413Kb / 11P
RF Switch
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
RF Switch
PE42551 PEREGRINE-PE42551_15 Datasheet
819Kb / 9P
RF Switch
PE42552 PEREGRINE-PE42552_15 Datasheet
401Kb / 9P
RF Switch
PE4244 PEREGRINE-PE4244_15 Datasheet
284Kb / 6P
RF Switch
logo
Peregrine Semiconductor
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com