Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA133 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA133
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA133 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA133 Datasheet HTML 1Page - Panasonic Semiconductor MA133 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switching Diodes
2
IF  VF
VF  Ta
VF  Ta
IR  VR
IF  VF
IR Ta
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1 000
Forward voltage V
F
(V)
Ta
= 150°C
100
°C
25
°C
− 20°C
Between pins 1 and 3
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1 000
10 000
Forward voltage V
F
(V)
Ta
= 150°C
100
°C
25
°C
− 20°C
Between pins 2 and 3
0.01
0
20406080
100
120
0.1
1
10
100
1 000
Reverse voltage V
R
(V)
Ta
= 150°C
Ta
= 150°C
100
°C
100
°C
25
°C
25
°C
Between pins 2 and 3
Between pins 1 and 3
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 100 mA
Between pins 1 and 3
10 mA
3 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 100 mA
10 mA
3 mA
Between pins 2 and 3
0.01
−40
0
40
80
120
160
200
0.1
1
10
100
1 000
Ambient temperature T
a
(
°C)
VR
= 75 V
35 V
6 V
VR
= 75 V
35 V
6 V
Between pins 2 and 3
Between pins 1 and 3
0
6.0
5.0
4.0
3.0
2.0
1.0
0
20406080
100
120
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
Between pins 1 and 3
Between pins 2 and 3
0.1
0.03
1
10
100
0.3
3
30
300
1 000
0.3
3
30
10
1
0.1
Pulse width t
W
(ms)
tW
Non repetitive
IF(surge)
Ta
= 25°C
Between pins 1 and 3
Between pins 2 and 3
IF(surge)  tW
Ct  VR
MA3S133



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com